Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM833MX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM833MX
Description  Dual Audio Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM833MX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM833MX Datasheet HTML 8Page - National Semiconductor (TI) LM833MX Datasheet HTML 9Page - National Semiconductor (TI) LM833MX Datasheet HTML 10Page - National Semiconductor (TI) LM833MX Datasheet HTML 11Page - National Semiconductor (TI) LM833MX Datasheet HTML 12Page - National Semiconductor (TI) LM833MX Datasheet HTML 13Page - National Semiconductor (TI) LM833MX Datasheet HTML 14Page - National Semiconductor (TI) LM833MX Datasheet HTML 15Page - National Semiconductor (TI) LM833MX Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Typical Applications (Continued)
Tone Control
00521841
Illustration is:
fL = 32 Hz, fLB = 320 Hz
fH =11 kHz, fHB = 1.1 kHz
00521842
RIAA Preamp
00521803
Av =35 dB
En = 0.33 µV
S/N=90 dB
f=1 kHz
A Weighted
A Weighted, VIN =10 mV
@f=1 kHz
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com