Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3243ECT-L Datasheet(PDF) 7 Page - Exar Corporation

Part # SP3243ECT-L
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECT-L Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP3243ECT-L Datasheet HTML 3Page - Exar Corporation SP3243ECT-L Datasheet HTML 4Page - Exar Corporation SP3243ECT-L Datasheet HTML 5Page - Exar Corporation SP3243ECT-L Datasheet HTML 6Page - Exar Corporation SP3243ECT-L Datasheet HTML 7Page - Exar Corporation SP3243ECT-L Datasheet HTML 8Page - Exar Corporation SP3243ECT-L Datasheet HTML 9Page - Exar Corporation SP3243ECT-L Datasheet HTML 10Page - Exar Corporation SP3243ECT-L Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_102_060611
7
Figure 9. SP3243E QFN Pinout Configuration
SP3243E
NC
R1IN
R2IN
R3IN
R4 IN
R5 IN
T1OUT
T2OUT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
GND
C1-
ONLINE
SHUTDOWN
STATUS
R2OUT
R1OUT
Figure 8. SP3243E Typical Operating Circuit
SP3243E
28
24
2
1
27
3
26
5kΩ
5kΩ
5kΩ
5kΩ
5kΩ
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
14
13
12
20
19
18
17
16
15
0.1µ F
0.1µ F
0.1µ F
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µ F
0.1µ F
9
10
11
4
5
6
7
8
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
To µ P Supervisor
Circuit
23
22
21
VCC
VCC
25
T1IN
R1OUT
R1IN
T2OUT
R2OUT
T2IN
T3IN
T3OUT
T1OUT
R2IN
R3IN
R4IN
R5IN
R2OUT
R3OUT
R4OUT
R5OUT
ONLINE
SHUTDOWN
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com