Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # LM2574
Description  52KHZ SIMPLE 0.5A BUCK REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2574 Datasheet(HTML) 6 Page - Micrel Semiconductor

  LM2574 Datasheet HTML 1Page - Micrel Semiconductor LM2574 Datasheet HTML 2Page - Micrel Semiconductor LM2574 Datasheet HTML 3Page - Micrel Semiconductor LM2574 Datasheet HTML 4Page - Micrel Semiconductor LM2574 Datasheet HTML 5Page - Micrel Semiconductor LM2574 Datasheet HTML 6Page - Micrel Semiconductor LM2574 Datasheet HTML 7Page - Micrel Semiconductor LM2574 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM2574
Micrel
M9999-122303
6
December 2003
Typical Performance Characteristics (continued)
Normalized
Feedback Voltage*
JUNCTION TEMPERATURE (˚C)
25
20
15
10
5
0
-5
-10
-15
-20
-25
-75 -50 -25 0
25 50 75 100 125 150
VIN = 12V
ILOAD = 100mA
Normalized to TJ = 25˚C
Feedback Voltage
vs Duty Cycle*
DUTY CYCLE (%)
20
15
10
5
0
-5
-10
-15
-20
ILOAD = 100 mA
VIN = 40V
VIN = 7V
0
20
40
60
80
100
* Adjustable version only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com