Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM23N20 Datasheet(PDF) 2 Page - First Components International

Part # FMM23N20
Description  2.3A 20V N-Channel Enhancement-Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMM23N20 Datasheet(HTML) 2 Page - First Components International

  FMM23N20 Datasheet HTML 1Page - First Components International FMM23N20 Datasheet HTML 2Page - First Components International FMM23N20 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FMM23N20 2.3A 20V N-Channel Enhancement-Mode MOSFET
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = -10uA
20
-
-
V
Drain-Source On-State Resistance
RDS(on)
VGS = 4.5V, ID = 2.8A
45
60
Drain-Source On-State Resistance
RDS(on)
VGS = 2.5V, ID = 2.0A
70
115
m
Ω
Gate Threshold Voltage
VGS(th)
VDS =VGS, ID = 250uA
0.65
0.95
1.20
V
Zero Gate Voltage Drain Current
IDSS
VDS = 9.6V, VGS = 0V
-1
uA
Gate Body Leakage
IGSS
VGS = ±8V, VDS = 0V
±100
nA
Gate Resistance
Rg
Ω
Forward Transconductance
gfs
VDS = 5V, ID = 4.0A
6.5
S
Dynamic
Total Gate Charge
Qg
3.69
Gate-Source Charge
Qgs
0.70
Gate-Drain Charge
Qgd
1.06
Turn-On Delay Time
td(on)
6.16
Turn-On Rise Time
tr
7.56
Turn-Off Delay Time
td(off)
16.61
Turn-Off Fall Time
tf
4.07
Input Capacitance
Ciss
427.12
Output Capacitance
Coss
80.56
Reverse Transfer Capacitance
Crss
57.00
Source-Drain Diode
Max. Diode Forward Current
IS
A
Diode Forward Voltage
VSD
IS = -1.6A, VGS = 0V
V
Note: Pulse test: pulse width <= 300us, duty cycle<= 2%
Feb '06 Rev 1
2
N-Channel Enhancement-Mode MOSFET
VDS = 6V, VGS = 0V
f = 1.0 MHz
pF
nC
VDD = 6V, RL = 6Ω
Ι
D = 1Α, VGEN = 4.5V
RG = 6Ω
ns
VDS = 6V, ID = 2.8A
VGS = 4.5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com