Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM833MMX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM833MMX
Description  Dual Audio Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM833MMX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM833MMX Datasheet HTML 1Page - National Semiconductor (TI) LM833MMX Datasheet HTML 2Page - National Semiconductor (TI) LM833MMX Datasheet HTML 3Page - National Semiconductor (TI) LM833MMX Datasheet HTML 4Page - National Semiconductor (TI) LM833MMX Datasheet HTML 5Page - National Semiconductor (TI) LM833MMX Datasheet HTML 6Page - National Semiconductor (TI) LM833MMX Datasheet HTML 7Page - National Semiconductor (TI) LM833MMX Datasheet HTML 8Page - National Semiconductor (TI) LM833MMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
V
CC–VEE
36V
Differential Input Voltage (Note 3) V
I
±30V
Input Voltage Range (Note 3) V
IC
±15V
Power Dissipation (Note 4) P
D
500 mW
Operating Temperature Range T
OPR
−40
∼ 85˚C
Storage Temperature Range T
STG
−60
∼ 150˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
(SOIC and MSOP)
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD tolerance (Note 5)
1600V
DC Electrical Characteristics (Notes 1, 2)
(T
A = 25˚C, VS = ±15V)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OS
Input Offset Voltage
R
S =10
Ω
0.3
5
mV
I
OS
Input Offset Current
10
200
nA
I
B
Input Bias Current
500
1000
nA
A
V
Voltage Gain
R
L =2 k
Ω,V
O = ±10V
90
110
dB
V
OM
Output Voltage Swing
R
L =10 k
Ω
±12
±13.5
V
R
L =2 k
Ω
±10
±13.4
V
V
CM
Input Common-Mode Range
±12
±14.0
V
CMRR
Common-Mode Rejection Ratio
V
IN = ±12V
80
100
dB
PSRR
Power Supply Rejection Ratio
V
S =15
∼5V, −15∼−5V
80
100
dB
I
Q
Supply Current
V
O = 0V, Both Amps
5
8
mA
AC Electrical Characteristics
(T
A = 25˚C, VS = ±15V, RL =2 k
Ω)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SR
Slew Rate
R
L =2 k
Ω
5
7
V/µs
GBW
Gain Bandwidth Product
f = 100 kHz
10
15
MHz
Design Electrical Characteristics
(T
A = 25˚C, VS = ±15V) The following parameters are not tested or guaranteed.
Symbol
Parameter
Conditions
Typ
Units
∆V
OS/
∆T
Average Temperature Coefficient
2
µV/˚C
of Input Offset Voltage
THD
Distortion
R
L =2 k
Ω, f=20∼20 kHz
0.002
%
V
OUT = 3 Vrms, AV =1
e
n
Input Referred Noise Voltage
R
S = 100
Ω, f = 1 kHz
4.5
i
n
Input Referred Noise Current
f = 1 kHz
0.7
PBW
Power Bandwidth
V
O =27 Vpp,RL =2 k
Ω, THD ≤ 1%
120
kHz
f
U
Unity Gain Frequency
Open Loop
9
MHz
φ
M
Phase Margin
Open Loop
60
deg
Input Referred Cross Talk
f = 20
∼20 kHz
−120
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com