Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS05P30B Datasheet(PDF) 2 Page - First Components International

Part # FMS05P30B
Description  30V P-Channel Enhancement-Mode MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMS05P30B Datasheet(HTML) 2 Page - First Components International

  FMS05P30B Datasheet HTML 1Page - First Components International FMS05P30B Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = -250uA
-30
-
-
V
Drain-Source On-State Resistance
RDS(on)
VGS = -4.5V, ID = -4.2A
56.0
70.0
Drain-Source On-State Resistance
RDS(on)
VGS = -10V, ID = -5.3A
33.0
42.0
Gate Threshold Voltage
VGS(th)
VDS =VGS, ID = -250uA
-1.0
-1.7
-3.0
V
Zero Gate Voltage Drain Current
IDSS
VDS = -24V, VGS = 0V
-1
uA
Gate Body Leakage
IGSS
VGS = +20V, VDS = 0V
+ 100
nA
Gate Resistance
Rg
Ω
Forward Transconductance
gfs
VDS = -15V, ID = -5.3A
4
7
S
Dynamic
Total Gate Charge
Qg
18.09
Gate-Source Charge
Qgs
6.25
Gate-Drain Charge
Qgd
3.25
Turn-On Delay Time
td(on)
20.52
Turn-On Rise Time
tr
4.43
Turn-Off Delay Time
td(off)
42.81
Turn-Off Fall Time
tf
7.35
Input Capacitance
Ciss
1047.98
Output Capacitance
Coss
172.82
Reverse Transfer Capacitance
Crss
115.50
Source-Drain Diode
Max. Diode Forward Current
IS
-1.9
A
Diode Forward Voltage
VSD
IS = -5.3A, VGS = 0V
-1.3
V
Note: Pulse test: pulse width <= 300us, duty cycle<= 2%
August '05 Rev 2
2
VDS = -15V, VGS = 0V
f = 1.0 MHz
pF
m
Ω
nC
VDD = -15V, RL = 15Ω
Ι
D = −1Α, VGEN = -10V
RG = 6Ω
ns
VDS = -15V, ID = -5.3A
VGS = -10V
FMS05P30B 30V P-Channel Enhancement-Mode MOSFET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com