Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4917 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4917
Description  Ground-Referenced, 95mW Stereo Headphone Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4917 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4917 Datasheet HTML 1Page - National Semiconductor (TI) LM4917 Datasheet HTML 2Page - National Semiconductor (TI) LM4917 Datasheet HTML 3Page - National Semiconductor (TI) LM4917 Datasheet HTML 4Page - National Semiconductor (TI) LM4917 Datasheet HTML 5Page - National Semiconductor (TI) LM4917 Datasheet HTML 6Page - National Semiconductor (TI) LM4917 Datasheet HTML 7Page - National Semiconductor (TI) LM4917 Datasheet HTML 8Page - National Semiconductor (TI) LM4917 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4917
Ground-Referenced, 95mW Stereo Headphone Amplifier
General Description
The LM4917 is a stereo, output capacitor-less headphone
amplifier capable of delivering 95mW of continuous average
power into a 16
Ω load with less than 1% THD+N from a
single 3V power supply.
The LM4917 provides high quality audio reproduction with
minimal external components. A ground referenced output
eliminates the output coupling capacitors typically required
by single-ended loads, reducing component count, cost and
board space consumption. This makes the LM4917 ideal for
mobile phones and other portable equipment where board
space is at a premium. Eliminating the output coupling ca-
pacitors also improves low frequency response.
The LM4917 operates from a single 1.4V to 3.6V power
supply, features low 0.02% THD+N and 70dB PSRR. Inde-
pendent right/left channel low-power shutdown controls pro-
vide power saving flexibility for mono/stereo applications.
Superior click and pop suppression eliminates audible tran-
sients during start up and shutdown. Short circuit and ther-
mal overload protection protects the device during fault con-
ditions.
Key Specifications
j Improved PSRR at 1kHz
70dB (typ)
j Power Output at VDD = 3V,
R
L =16
Ω, THD % 1%
95mW (typ)
j Shutdown Current
0.01µA (typ)
Features
n
Ground referenced outputs
n
High PSRR
n
Available in space-saving TSSOP package
n
Ultra low current shutdown mode
n
Improved pop & click circuitry eliminates noises during
turn-on and turn-off transitions
n
1.4 – 3.6V operation
n
No output coupling capacitors, snubber networks,
bootstrap capacitors
n
Shutdown either channel independently
Applications
n
Notebook PCs
n
Desktop PCs
n
Mobile Phone
n
PDAs
n
Portable electronic devices
Block Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
200893B8
FIGURE 1. Circuit Block Diagram
November 2004
© 2004 National Semiconductor Corporation
DS200893
www.national.com


Similar Part No. - LM4917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4917 TI1-LM4917 Datasheet
3Mb / 25P
Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4917MT/NOPB TI1-LM4917MT/NOPB Datasheet
3Mb / 25P
Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4917MTX/NOPB TI1-LM4917MTX/NOPB Datasheet
3Mb / 25P
Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4917SD/NOPB TI1-LM4917SD/NOPB Datasheet
3Mb / 25P
Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
More results

Similar Description - LM4917

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
Ground Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM4917 TI1-LM4917 Datasheet
3Mb / 25P
Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com