Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4918 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4918
Description  Stereo Audio Amp with AGC Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4918 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4918 Datasheet HTML 1Page - National Semiconductor (TI) LM4918 Datasheet HTML 2Page - National Semiconductor (TI) LM4918 Datasheet HTML 3Page - National Semiconductor (TI) LM4918 Datasheet HTML 4Page - National Semiconductor (TI) LM4918 Datasheet HTML 5Page - National Semiconductor (TI) LM4918 Datasheet HTML 6Page - National Semiconductor (TI) LM4918 Datasheet HTML 7Page - National Semiconductor (TI) LM4918 Datasheet HTML 8Page - National Semiconductor (TI) LM4918 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JA (LLP)
51˚C/W
See AN-1187 ’Leadless
Leadframe Packaging (LLP).’
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
2.7V
≤ V
DD
≤ 5.5V
Electrical Characteristics Unless otherwise specified, all limits are guaranteed to T
j = 25˚C, VDD = 5.0V.
Symbol
Parameter
Conditions
LM4918
Units
(Limits)
Typical
Limit
Common Portion
V
DD
Supply Voltage
2.7
5.5
V(min)
V(max)
I
DD
Quiescent Supply Current
V
in = 0V, Io = 0A
18
25
mA (max)
I
SDIH
Shutdown Current
V
SD =VDD
1
2
µA (max)
I
std-by
Stand-By Current
V
std-by =Vdd
1
2
mA (max)
V
ih
Logic High
0.8xVdd
V (min)
V
il
Logic Low
0.2xVdd
V (max)
AGC Volume
AGC Vol max
Max gain
Vol control in ^ 4.5V
0
0
0.5
-0.5
db(max)
dB(min)
AGC Vol min
Min gain
Vol control in % 0.5V
-24
-22
-26
dB(max)
dB(min)
AGC Step Size
.75
dB
AGC Control Block
Vdisch
Voltage on Rdisch
1.2
V
Idisch
Discharge Current on Chold
320
nA
Vos
Offset Voltage
V
IN =0V
10
mV
Av Inv
Inverting amp gain
Vagcref = 4.5V
0
±0.5
dB
Std-by Detect
Vin
Input Sig Threshold Level
14
50
mVpk
mVpk
Twait
Wait time
C
_STBY = 10µF
10
sec
Power Amp Block
Vos
Output Offset Voltage
Vin = 0V
10
40
mV(max)
Po
Output Power
THD = 1%, F = 1kHz, R
l =8
Ω
1.1
1.0
W(min)
THD+N
Total Harmonic Distortion+Noise
20Hz % f ^ 20kHz, Avd = 2,
R
l =8
Ω,Po=1W
0.3
%
PSRR
Power Supply Rejection Ratio
Vdd = 5V, Vripple = 200mVrms,
Rl=8
Ω, Cb = 1.0µF
67
dB
Xtalk
Channel Separation in SE
F = 1kHz, Cb = 1.0µF
60
dB
Xtalk
Channel Separation in BTL
F = 1kHz, Cb = 1.0µF
76
dB
SNR
Signal to Noise Ratio
Vdd = 5V, Po= 1.1W, R
l =8
Ω
109
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com