Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDA130 Datasheet(PDF) 1 Page - Vitec Power

Part # STDA130
Description  130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA130 Datasheet(HTML) 1 Page - Vitec Power

  STDA130 Datasheet HTML 1Page - Vitec Power STDA130 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA130 SERIES
130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
– Wide Input Voltage 90 to 260 VAC, 47 to 63Hz
– Single and Dual Output
– Optional output connector plug
– Output voltage available from 3 VDC to 55 VDC
– Input Surge Current and Overload protection
– Active Power Factor Correction
– Option: Mounting Tab or Desktop
– Long Hold Up Time (50ms)
– Class I Insulation
– Cooling Fan Included
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
STDA130-S01
3 - 5 VDC
30.00 - 18.00 A
7%
90W
STDA130-S02
5 - 6 VDC
23.00 - 19.16 A
7%
115W
STDA130-S03
6 - 8 VDC
21.60 - 16.25 A
7%
130W
STDA130-S04
8 - 11 VDC
16.25 - 11.80 A
5%
130W
STDA130-S05 *
11 - 13 VDC
11.80 - 10.00 A
5%
130W
STDA130-S06
13 - 16 VDC
10.00 - 8.12 A
5%
130W
STDA130-S07
16 - 21 VDC
8.12 - 6.19 A
5%
130W
STDA130-S08
21 - 27 VDC
6.19 - 4.81 A
5%
130W
STDA130-S09
27 - 33 VDC
4.81 - 3.93 A
5%
130W
STDA130-S10
33 - 40 VDC
3.93 - 3.25 A
3%
130W
STDA130-S11
40 - 50 VDC
3.25 - 2.60 A
3%
130W
STDA130-S12 *
50 - 55 VDC
2.60 - 2.36 A
3%
130W
Multi Output
Product Number
Output #1
Output #2
Maximum Output Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
STDA130-D00 *
+3.3V
4A
20A
7%
+12V
0A
2A
5%
90W
STDA130-D01
+5V
4A
20A
7%
+12V
0A
2A
5%
120W
STDA130-D01-1
+5V
2A
10A
5%
+12V
1A
5A
10%
110W
STDA130-D02
+5V
4A
20A
7%
+15V
0A
2A
5%
120W
STDA130-D03
+5V
4A
20A
7%
+24V
0.2A
2A
5%
120W
Mark " * " means " FCC approval "
The model number of S01~S12 had been approved by CCC.
The model number of S11 had been approved by KC.


Similar Part No. - STDA130

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STDA130-D00 Vitec-STDA130-D00 Datasheet
370Kb / 2P
130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA130-D01 Vitec-STDA130-D01 Datasheet
370Kb / 2P
130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA130-D01-1 Vitec-STDA130-D01-1 Datasheet
370Kb / 2P
130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA130-D02 Vitec-STDA130-D02 Datasheet
370Kb / 2P
130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA130-D03 Vitec-STDA130-D03 Datasheet
370Kb / 2P
130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
More results

Similar Description - STDA130

ManufacturerPart #DatasheetDescription
logo
Vitec Power
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
40W Desktop Power Supply for I.T. Equipment
SIDA130-SERIES Vitec-SIDA130-SERIES Datasheet
365Kb / 2P
130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
SMDA130-SERIES Vitec-SMDA130-SERIES Datasheet
456Kb / 2P
130W Desktop Power Supply for Medical Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
40W Desktop Power Supply for I.T. Equipment
STDA130-SERIES Vitec-STDA130-SERIES Datasheet
370Kb / 2P
130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA131-SERIES Vitec-STDA131-SERIES Datasheet
405Kb / 2P
130W Desktop Power Supply for I.T. Equipment
SIDA130 Vitec-SIDA130 Datasheet
365Kb / 2P
130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
20W Desktop Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
130W Desktop Power Supply for I.T. Equipment
SMDA130 Vitec-SMDA130 Datasheet
456Kb / 2P
130W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com