| Electronic Components Datasheet Search |
|
RT8092BCGWSC Datasheet(PDF) 7 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT8092BCGWSC Datasheet(HTML) 7 Page - Richtek Technology Corporation |
|
7 / 27 page ![]() RT8092 7 DS8092-03 January 2017 www.richtek.com © Copyright 2017 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. the protection state. Using I 2C to shutdown the system and then re-enable it will also unlatch UVP function. The event is recorded in register 0x18.SCP. The record can be reset with I 2C interface or automatically reset by re- power-on AVDD. EN VOUT Over-Current Protection (OCP) The converter senses the current signal when the high- side P-MOSFET turns on. As a result, The OCP is cycle- by-cycle current limitation. If the OCP occurs, the converter holds off the next on pulse until inductor current drops below the OCP limit. The event is recorded in register 0x18.OCP. The record can be reset with I2C interface or automatically reset by re-power-on AVDD. The OCP level can be set with 0x16.IPEAK[1:0]. Over-Temperature Protection (OTP) The converter has an over-temperature protection. When the junction temperature is higher than the thermal shutdown rising threshold, the system will be latched and the output voltage will no longer be regulated until the junction temperature drops under the falling threshold. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |