Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1040 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M1040
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1040 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M1040 Datasheet HTML 1Page - Integrated Circuit Systems M1040 Datasheet HTML 2Page - Integrated Circuit Systems M1040 Datasheet HTML 3Page - Integrated Circuit Systems M1040 Datasheet HTML 4Page - Integrated Circuit Systems M1040 Datasheet HTML 5Page - Integrated Circuit Systems M1040 Datasheet HTML 6Page - Integrated Circuit Systems M1040 Datasheet HTML 7Page - Integrated Circuit Systems M1040 Datasheet HTML 8Page - Integrated Circuit Systems M1040 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M1040 Datasheet Rev 0.1
4 of 12
Revised 11Nov2003
Integr ate d Circuit Systems , In c. ● Comm unication s Modules ● www.icst.com ● tel (508) 852-5400
Integrated
Circuit
Systems, Inc.
M1040
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Preliminar y In f o r m atio n
FUNCTIONAL DESCRIPTION
The M1040 is a PLL (Phase Locked Loop) based clock
generator that generates two output clocks synchro-
nized to one of two selectable input reference clocks.
An internal high “Q” SAW delay line provides a low jitter
clock output.
A pin-selected look-up table is used to select the PLL
feedback divider (M Div) and reference divider (R Div)
as shown in Table 3 on pg. 3. The look-up table provides
flexibility in both the overall frequency multiplication
ratio (total PLL ratio) and phase detector frequency.
External loop filter component values influence the PLL
bandwidth, which is used to optimize jitter attenuation
characteristics.
The device features dual differential inputs with two
input selection modes: manual and automatic upon
clock failure. (The differential inputs are internally
configured for easy single-ended operation.)
The M1040 also includes: a Loss of Lock (LOL) indicator,
a reference mux state acknowledge pin (REF_ACK), a
Narrow Bandwidth control input pin (NBW pin), and a
Power-on Initialization (INIT) input (which overrides
NBW=0
to facilitate acquisition of phase lock).
An automatic input reselection feature, or “AutoSwitch”
is also included in the M1040. When the AutoSwitch
mode is enabled, the device will automatically switch to
the other reference clock input when the currently
selected reference clock fails. Reference selection is
non-revertive, meaning that only one reference
reselection will be made each time that AutoSwitch is
re-enabled.
In addition to the AutoSwitch feature, Hitless Switching
and Phase Build-out options can be ordered with the
device. The Hitless Switching and Phase Build-out
options help assure SONET/SDH MTIE and TDEV
compliance during either a manual or automatic input
reference reselection.
Hitless Switching (HS) provides a controlled output
clock phase change during a reference clock
reselection. HS is triggered by a Loss of Lock detection
by the PLL.
Input Reference Clocks
Two clock reference inputs and a selection mux are
provided. Either reference clock input can accept a
differential clock signal (such as LVPECL or LVDS) or
a single-ended clock input (LVCMOS or LVTTL on the
non-inverting input).
A single-ended reference clock on the unselected
reference input can cause an increase in output
clock jitter. For this reason, differential reference
inputs are preferred; interference from a differential
input on the non-selected input is minimal.
Implementation of single-ended input has been facili-
tated by biasing nDIF_REF0 and nDEF_REF1 to Vcc/2, with
50k
Ω to Vcc and 50kΩ to ground. Figure 4 shows the
input clock structure and how it is used with either
LVCMOS / LVTTL inputs or a DC- coupled LVPECL
clock.
Figure 4: Input Reference Clocks
Differential Inputs
Differential LVPECL inputs are connected to both
reference input pins in the usual manner. The external
load termination resistors shown in Figure 4 (the 127
Ω
and 82
Ω resistors) will work for both AC and DC
coupled LVPECL reference clock lines. These provide
the 50
Ω load termination and the VTT bias voltage.
Single-ended Inputs
Single-ended inputs (LVCMOS or LVTTL) are
connected to the non-inverting reference input pin
(DIF_REF0 or DIF_REF1). The inverting reference input pin
(nDIF_REF0 or nDIF_REF1) must be left unconnected.
In single-ended operation, when the unused inverting
input pin (nDIF_REF0 or nDEF_REF1) is left floating (not
connected), the input will self-bias at VCC/2.
MUX
0
REF_SEL
1
VCC
50k
50k
VCC
50k
50k
LVCMOS/
LVTTL
LVPECL
50k
50k
VCC
82
127
VCC
82
127
X
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com