Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKS36-AFB20003 Datasheet(PDF) 3 Page - SICK AG

Part # CKS36-AFB20003
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CKS36-AFB20003 Datasheet(HTML) 3 Page - SICK AG

  CKS36-AFB20003 Datasheet HTML 1Page - SICK AG CKS36-AFB20003 Datasheet HTML 2Page - SICK AG CKS36-AFB20003 Datasheet HTML 3Page - SICK AG CKS36-AFB20003 Datasheet HTML 4Page - SICK AG CKS36-AFB20003 Datasheet HTML 5Page - SICK AG CKS36-AFB20003 Datasheet HTML 6Page - SICK AG CKS36-AFB20003 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CKS36-AFB20003 | CKS36
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
Permissible shaft movement, radial stat-
ic/dynamic
± 0.1 mm / ± 0.05 mm
Permissible shaft movement, axial stat-
ic/dynamic
± 0.2 mm / ± 0.1 mm
Life of ball bearings
3.6 x 10^9 revolutions
Connection type
Connector, 14-pin, axial
1) Self warming of 1.1 K per 1000 revolutions/min when applying note working temperature range.
Ambient data
Operating temperature range
–20 °C ... +110 °C
Storage temperature range
–40 °C ... +125 °C, without package
Relative humidity/condensation
90 %, Condensation not permitted
Resistance to shocks
100 g, 6 ms (according to EN 60068-2-27)
Frequency range of resistance to vibrations 50 g, 10 Hz ... 2,000 Hz (according to EN 60068-2-6)
EMC
According to EN 61000-6-2 and EN 61000-6-3 1)
Enclosure rating
IP50, with mating connector inserted and closed cover (according to IEC 60529)
1) The EMC according to the standards quoted is achieved when the motor feedback system is mounted in an electrically conductive housing, which is connected to
the central earthing point of the motor controller via a cable screen. The GND-(0 V) connection of the supply voltage is also grounded here. If other shielding concepts
are used, users must perform their own tests.
Classifications
ECl@ss 5.0
27270501
ECl@ss 5.1.4
27270501
ECl@ss 6.0
27270590
ECl@ss 6.2
27270590
ECl@ss 7.0
27270501
ECl@ss 8.0
27270501
ECl@ss 8.1
27270501
ECl@ss 9.0
27270501
ETIM 5.0
EC001486
ETIM 6.0
EC001486
UNSPSC 16.0901
41112113
2017-07-07 18:51:26 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com