Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1036749 Datasheet(PDF) 3 Page - SICK AG

Part # 1036749
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1036749 Datasheet(HTML) 3 Page - SICK AG

  1036749 Datasheet HTML 1Page - SICK AG 1036749 Datasheet HTML 2Page - SICK AG 1036749 Datasheet HTML 3Page - SICK AG 1036749 Datasheet HTML 4Page - SICK AG 1036749 Datasheet HTML 5Page - SICK AG 1036749 Datasheet HTML 6Page - SICK AG 1036749 Datasheet HTML 7Page - SICK AG 1036749 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VFS60A-THPK01024 | VFS60
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Angular acceleration
≤ 500,000 rad/s²
Operating torque
0.6 Ncm (+20 °C)
Start up torque
0.8 Ncm (+20 °C)
Permissible shaft movement, radial stat-
ic/dynamic
± 0.3 mm / ± 0.05 mm
Permissible shaft movement, axial stat-
ic/dynamic
± 0.5 mm / ± 0.01 mm
Life of ball bearings
3.0 x 10^9 revolutions
Connection type
Cable, 8-wire, radial, 1.5 m 2)
1) Self-warming 3.3 K/1,000 1/min, when applying note working temperature range.
2) The universal cable outlet is positioned in such a way, that it is possible to lay the cable in a radial or axial direction without kinking it.
Ambient data
Operating temperature range
–30 °C ... +100 °C
Storage temperature range
–40 °C ... +100 °C, without package
Relative humidity/condensation
90 %, condensation of the optical scanning not permitted
Resistance to shocks
70 g, 6 ms (according to EN 60068-2-27)
Frequency range of resistance to vibrations 30 g, 10 Hz ... 2,000 Hz (according to EN 60068-2-6)
EMC
According to EN 61000-6-2 and EN 61000-6-4
Enclosure rating
IP65, shaft side (according to IEC 60529)
IP65, housing side, cable outlet (according to IEC 60529)
Classifications
ECl@ss 5.0
27270501
ECl@ss 5.1.4
27270501
ECl@ss 6.0
27270590
ECl@ss 6.2
27270590
ECl@ss 7.0
27270501
ECl@ss 8.0
27270501
ECl@ss 8.1
27270501
ECl@ss 9.0
27270501
ETIM 5.0
EC001486
ETIM 6.0
EC001486
UNSPSC 16.0901
41112113
2017-07-07 18:51:26 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com