Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807 Datasheet(PDF) 1 Page - First Components International

Part # BC807
Description  Silicon Epitaxial Plannar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BC807 Datasheet(HTML) 1 Page - First Components International

  BC807 Datasheet HTML 1Page - First Components International BC807 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.3
2.4
BC807-16LT1
BC807-25LT1
BC807-40LT1
FEATURES
·Ldeally suited for automatic insertion
·epitaxial planar die construction
·complementary NPN type available(BC817)
MARKING: 16LT1:5A1;
25LT1:5B;
40LT1:5C
MAXIMUM RATINGS* TA=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.5
A
PC
Collector Dissipation
0.3
W
TJ, Tstg
Junction and Storage Temperature
-55-150
℃
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
VCBO
Ic= -10 μA,
IE=0
-50
V
Collector-emitter breakdown voltage
VCEO
Ic= -10
mA, IB=0
-45
V
Emitter-base breakdown voltage
VEBO
IE= -1 μA,
IC=0
-5
V
Collector cut-off current
ICBO
VCB= -45 V ,
IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE= -40 V ,
IB=0
-0.2
μA
Emitter cut-off current
IEBO
VEB= -4 V ,
IC=0
-0.1
μA
DC current gain
807-16
807-25
807-40
hFE(1)
VCE= -1V,
IC= -100mA
100
160
250
250
400
600
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB= -50 mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= -500 mA, IB= -50mA
-1.2
V
Transition frequency
fT
VCE= -5 V,
IC= -10mA
f=100MHz
100
MHz
Unit : mm
SOT—23
1. BASE
2. EMITTER
3. COLLECTOR
PNP Silicon Epitaxial Plannar Transistors


Similar Part No. - BC807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 08
logo
Transys Electronics
BC807 TRSYS-BC807 Datasheet
303Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
logo
Zetex Semiconductors
BC807 ZETEX-BC807 Datasheet
36Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
More results

Similar Description - BC807

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC4596E WINGS-2SC4596E Datasheet
69Kb / 1P
SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
BU407 WINGS-BU407 Datasheet
64Kb / 1P
SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
logo
List of Unclassifed Man...
2SB1062 ETC-2SB1062 Datasheet
57Kb / 1P
Si PNP Epitaxial Plannar
logo
Panasonic Semiconductor
2SB751 PANASONIC-2SB751 Datasheet
291Kb / 7P
Si PNP EPITAXIAL PLANNAR DARLINGTON
logo
List of Unclassifed Man...
2SC3853 ETC1-2SC3853 Datasheet
278Kb / 2P
Silicon NPN Triple diffused Plannar
logo
TRANSYS Electronics Lim...
BF820 TEL-BF820 Datasheet
51Kb / 2P
SILICON EPITAXIAL TRANSISTORS
BF821 TEL-BF821 Datasheet
55Kb / 2P
SILICON EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC817 FCI-BC817 Datasheet
59Kb / 1P
NPN Silicon Epitaxial Plannar Transistors
logo
SHIKUES Electronics
LL4148 SKTECHNOLGY-LL4148 Datasheet
717Kb / 4P
Silicon Epitaxial Plannar Switching Diode
logo
Shenzhen Luguang Electr...
1N3004W LUGUANG-1N3004W Datasheet
1Mb / 3P
Silicon Epitxaial Plannar Diode
Revision:20170701-P1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com