Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-5201 Datasheet(PDF) 6 Page - First Components International

Part # CS-5201
Description  1Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CS-5201 Datasheet(HTML) 6 Page - First Components International

  CS-5201 Datasheet HTML 1Page - First Components International CS-5201 Datasheet HTML 2Page - First Components International CS-5201 Datasheet HTML 3Page - First Components International CS-5201 Datasheet HTML 4Page - First Components International CS-5201 Datasheet HTML 5Page - First Components International CS-5201 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
ORDER INFORMATION
Device
CS5201ST
CS5201T
CS5201T1
CS5201DP
CS5201ST-1.5
CS5201T-1.5
CS5201T1-1.5
CS5201DP-1.5
CS5201ST-2.5
CS5201T-2.5
CS5201T1-2.5
CS5201DP-2.5
CS5201ST-2.85
CS5201T-2.85
CS5201T1-2.85
CS5201DP-2.85
CS5201ST-3
CS5201T-3
CS5201T1-3
CS5201DP-3
CS5201ST-3.3
CS5201T-3.3
CS5201T1-3.3
CS5201DP-3.3
CS5201ST-3.5
CS5201T-3.5
CS5201T1-3.5
CS5201DP-3.5
CS5201ST-5
CS5201T-5
CS5201T1-5
CS5201DP-5
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
SOT-223
TO-220
TO-220-5
TO-263
Adj
Adj
Adj
Adj
1.5V
1.5V
1.5V
1.5V
2.5V
2.5V
2.5V
2.5V
2.85V
2.85V
2.85V
2.85V
3V
3V
3V
3V
3.3V
3.3V
3.3V
3.3V
3.5V
3.5V
3.5V
3.5V
5V
5V
5V
5V
Output Voltage
Package
CS-5201 1Amp Low Dropout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com