Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620FCAFP Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
14
Figure 1.5.2. Reset sequence
Reset
There are two kinds of resets; hardware and software. In both cases, operation is the same after the reset.
(See “Software Reset” for details of software resets.) This section explains on hardware resets.
When the supply voltage is in the range where operation is guaranteed, a reset is effected by holding the
reset pin level “L” (0.2VCC max.) for at least 20 cycles. When the reset pin level is then returned to the “H”
level while main clock is stable, the reset status is cancelled and program execution resumes from the
address in the reset vector table.
Figure 1.5.1 shows the example reset circuit. Figure 1.5.2 shows the reset sequence.
Figure 1.5.1. Example reset circuit
BCLK
Address
Address
Address
Microprocessor
mode BYTE = “H”
Microprocessor
mode BYTE = “L”
Content of reset vector
Single chip
mode
BCLK
24cycles
FFFFC16
FFFFD16
FFFFE16
Content of reset vector
FFFFC16
FFFFE16
Content of reset vector
FFFFE16
XIN
RESET
RD
WR
CS0
RD
WR
CS0
FFFFC16
More than 20 cycles are needed
RESET
VCC
0.8V
RESET
VCC
0V
0V
5V
5V
4.0V
Example when VCC = 5V
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com