Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC61C Datasheet(PDF) 2 Page - First Components International

Part # FC61C
Description  FC61C CMOS Voltage Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC61C Datasheet(HTML) 2 Page - First Components International

  FC61C Datasheet HTML 1Page - First Components International FC61C Datasheet HTML 2Page - First Components International FC61C Datasheet HTML 3Page - First Components International FC61C Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics Ta=25 ::::
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Detection Voltage
VDET
VDET
*0.98
VDET
VDET
*1.02
V
Hysteresis Voltage Range
VHYS
VDET
*0.02
VDET
*0.05
VDET
*0.09
V
VIN=1.5V
-
0.8
2.4
VIN=2.0V
-
0.9
2.4
VIN=3.0V
-
1.0
2.4
VIN=4.0V
-
1.1
2.4
VIN=5.0V
-
1.2
2.4
Supply Current
ISS
VIN=6.0V
-
1.3
2.7
A
Operating Voltage
VIN
1.2
-
6
V
Output Current
IOUT
VDS=2.1V, VIN=6V
1.5
8
50
mA
Detection Voltage
Temperature Coefficient
T=-40 : to 85 :
-
D100
D350
ppm/ :
Test Circuit
Circuit1
Circuit2
Circuit3
Time Characteristics
Note: For voltage VIN less than minimum operating voltage (shaded region on the diagram), voltage of output terminal is undefined for
CMOS output product.
FC61C CMOS Voltage Detector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com