Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTSM104A Datasheet(PDF) 2 Page - First Components International

Part # FTSM104A
Description  Quad Operational Amplifier and Programmable Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FTSM104A Datasheet(HTML) 2 Page - First Components International

  FTSM104A Datasheet HTML 1Page - First Components International FTSM104A Datasheet HTML 2Page - First Components International FTSM104A Datasheet HTML 3Page - First Components International FTSM104A Datasheet HTML 4Page - First Components International FTSM104A Datasheet HTML 5Page - First Components International FTSM104A Datasheet HTML 6Page - First Components International FTSM104A Datasheet HTML 7Page - First Components International FTSM104A Datasheet HTML 8Page - First Components International FTSM104A Datasheet HTML 9Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Vcc
Supply Voltage
36
V
Vid
Differential Input Voltage
36
V
Vi
Input Voltage
-0.3 to +36
V
Tj
Maximum Junction Temperature
150
ºC
Electrical Characteristics
Vcc
+ = 5V, Vcc- = 0V, Tamb = 25oC (unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
Icc
Total Supply Current, excluding
Current in the Voltage Reference
Vcc
+ = 5 V, no load
Tmin
< Tamb < Tmax
Vcc
+ = 30 V, no load
Tmin
< Tamb < Tmax
1.4
2.4
4
mA
Quad Operational Amplifier and Programmable Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com