Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF640FP Datasheet(PDF) 2 Page - First Components International

Part # IRF640FP
Description  IRF640FP 18A 200V N CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

IRF640FP Datasheet(HTML) 2 Page - First Components International

  IRF640FP Datasheet HTML 1Page - First Components International IRF640FP Datasheet HTML 2Page - First Components International IRF640FP Datasheet HTML 3Page - First Components International IRF640FP Datasheet HTML 4Page - First Components International IRF640FP Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25
.
CIRF640
Characteristic
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
(VGS = 0 V, ID = 250
A)
V(BR)DSS
200
V
Drain-Source Leakage Current
(VDS = Rated VDSS, VGS = 0 V)
(VDS = 0.8Rated VDSS, VGS = 0 V, TJ = 125
)
IDSS
0.025
1.0
mA
Gate-Source Leakage Current-Forward
(Vgsf = 20 V, VDS = 0 V)
IGSSF
100
nA
Gate-Source Leakage Current-Reverse
(Vgsr = 20 V, VDS = 0 V)
IGSSR
100
nA
Gate Threshold Voltage
(VDS = VGS, ID = 250
A)
VGS(th)
2.0
4.0
V
Static Drain-Source On-Resistance (VGS = 10 V, ID = 10A) *
RDS(on)
0.18
Drain-Source On-Voltage (VGS = 10 V)
(ID = 5.0 A)
VDS(on)
6.0
V
Forward Transconductance (VDS = 50 V, ID = 10 A) *
gFS
6.8
mhos
Input Capacitance
Ciss
1600
pF
Output Capacitance
Coss
750
pF
Reverse Transfer Capacitance
(VDS = 25 V, VGS = 0 V,
f = 1.0 MHz)
Crss
300
pF
Turn-On Delay Time
td(on)
30
ns
Rise Time
tr
60
ns
Turn-Off Delay Time
td(off)
80
ns
Fall Time
(VDD = 30 V, ID = 10 A,
VGS = 10 V,
RG = 4.7 ) *
tf
60
ns
Total Gate Charge
Qg
36
63
nC
Gate-Source Charge
Qgs
16
nC
Gate-Drain Charge
(VDS = 0.8Rated VDSS, ID = Rated ID,
VGS = 10 V)*
Qgd
26
nC
Internal Drain Inductance
(Measured from the drain lead 0.25” from package to center of die)
LD
4.5
nH
Internal Drain Inductance
(Measured from the source lead 0.25” from package to source bond pad)
LS
7.5
nH
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On-Voltage(1)
VSD
1.5
V
Forward Turn-On Time
ton
**
ns
Reverse Recovery Time
(IS = Rated ID,
dIS/dt = 100A/µs)
trr
450
ns
* Pulse Test: Pulse Width
300µs, Duty Cycle
2%
** Negligible, Dominated by circuit inductance
IRF640FP 18A 200V N CHANNEL POWER MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com