Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF730 Datasheet(PDF) 1 Page - First Components International

Part # IRF730
Description  6.0A 400V N CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

IRF730 Datasheet(HTML) 1 Page - First Components International

  IRF730 Datasheet HTML 1Page - First Components International IRF730 Datasheet HTML 2Page - First Components International IRF730 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL DESCRIPTION
FEATURES
This Power MOSFET is designed for low voltage, high
speed power switching applications such as switching
regulators, conveters, solenoid and relay drivers.
Higher Current Rating
Lower rDS(ON), Lower Capacitances
Lower Total Gate Charge
Tighter VSD Specifications
Avalanche Energy Specified
D
S
G
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain to Current
Continuous
Pulsed (Note 1)
ID
IDM
6.0
21
A
Gate-to-Source Voltage
Continue
VGS
±20
V
Total Power Dissipation
Derate above 25
PD
96
0.77
W
W/
Single Pulse Drain-to-Source Avalanche Energy
TJ = 25
(VDD = 100V, VGS = 10V, IL = 6A, L = 10mH, RG = 25 )
EAS
180
mJ
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Thermal Resistance
Junction to Case
Junction to Ambient
JC
JA
1.70
62
/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 10 seconds
TL
300
IRF730
6.0A 400V N CHANNEL POWER MOSFET
Mechanical Dimensions
Description
1
3
Case
2
G
D
S
TO-220
Dimension in mm


Similar Part No. - IRF730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF730 PHILIPS-IRF730 Datasheet
59Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Fairchild Semiconductor
IRF730 FAIRCHILD-IRF730 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 5.5A, 350 V/400V
IRF730 FAIRCHILD-IRF730 Datasheet
898Kb / 10P
400V N-Channel MOSFET
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
More results

Similar Description - IRF730

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2502 MOSPEC-2SC2502 Datasheet
135Kb / 3P
POWER TRANSISTORS(6.0A,400V,50W)
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
400V N-CHANNEL POWER MOSFET
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
6N70 UTC-6N70 Datasheet
174Kb / 6P
6.0A, 700V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
10.5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
12A, 400V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N80 DGNJDZ-NJ6N80 Datasheet
646Kb / 5P
6.0A 800V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF730FP FCI-IRF730FP Datasheet
451Kb / 3P
6.0A 400V N CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
IRF730 FS-IRF730 Datasheet
365Kb / 6P
6.0A, 400V, 1.0廓 N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com