Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF820 Datasheet(PDF) 1 Page - First Components International

Part # IRF820
Description  20A 600V N CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

IRF820 Datasheet(HTML) 1 Page - First Components International

  IRF820 Datasheet HTML 1Page - First Components International IRF820 Datasheet HTML 2Page - First Components International IRF820 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL DESCRIPTION
FEATURES
This high voltage MOSFET uses an advanced termination
scheme to provide enhanced voltage-blocking capability
without degrading performance over time. In addition, this
advanced MOSFET is designed to withstand high energy in
avalanche and commutation modes. The new energy
efficient design also offers a drain-to-source diode with a
fast recovery time. Designed for high voltage, high speed
switching applications in power supplies, converters and
PWM motor controls, these devices are particularly well
suited for bridge circuits where diode speed and
commutating safe operating areas are critical and offer
additional and safety margin against unexpected voltage
transients.
‹
Robust High Voltage Termination
‹
Avalanche Energy Specified
‹
Source-to-Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
‹
Diode is Characterized for Use in Bridge Circuits
‹
IDSS and VDS(on) Specified at Elevated Temperature
PIN CONFIGURATION
SYMBOL
TO-220/TO-220FP
Front View
1
23
TO-252
Front View
1
23
TO-251
Front View
1
23
D
S
G
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain to Current
Continuous
Pulsed
ID
IDM
2.0
9.0
A
Gate-to-Source Voltage
Continue
Non-repetitive
VGS
VGSM
±20
±40
V
V
Total Power Dissipation
TO-251/TO-252
TO-220
TO-220FP
PD
60
60
32
W
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Single Pulse Drain-to-Source Avalanche Energy
TJ = 25
(VDD = 100V, VGS = 10V, IL = 2A, L = 10mH, RG = 25 )
EAS
20
mJ
Thermal Resistance
Junction to Case
Junction to Ambient
JC
JA
1.0
62.5
/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 10 seconds
TL
260
IRF820 20A 600V N CHANNEL POWER MOSFET


Similar Part No. - IRF820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF820 MOTOROLA-IRF820 Datasheet
140Kb / 2P
N-CHANNEL Enhancement-Mode Silicon Gate TMOS
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRF820 SAMSUNG-IRF820 Datasheet
322Kb / 6P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF820 FAIRCHILD-IRF820 Datasheet
157Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
Intersil Corporation
IRF820 INTERSIL-IRF820 Datasheet
54Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET
July 1999
More results

Similar Description - IRF820

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N60 UTC-20N60 Datasheet
176Kb / 3P
20A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK20N60 AOSMD-AOK20N60 Datasheet
450Kb / 5P
600V,20A N-Channel MOSFET
AOT20N60 AOSMD-AOT20N60 Datasheet
545Kb / 6P
600V,20A N-Channel MOSFET
logo
E-CMOS Corporation
EC7320NS60 E-CMOS-EC7320NS60 Datasheet
599Kb / 6P
600V, 20A N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOK20N60L AOSMD-AOK20N60L Datasheet
337Kb / 5P
600V,20A N-Channel MOSFET
AOTF20C60P AOSMD-AOTF20C60P Datasheet
462Kb / 6P
600V,20A N-Channel MOSFET
logo
PFC Device Inc.
PSM20N60CT PFC-PSM20N60CT Datasheet
955Kb / 10P
20A 600V Single N-Channel Power MOSFET
PSM20N60CTB PFC-PSM20N60CTB Datasheet
993Kb / 10P
20A 600V Single N-Channel Power MOSFET
PSM20N60PT PFC-PSM20N60PT Datasheet
1Mb / 10P
20A 600V Single N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com