Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8HC08M68HC Datasheet(PDF) 94 Page - Motorola, Inc

Part # 8HC08M68HC
Description  HCMOS Microcontroller Unit
PDF  454 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

8HC08M68HC Datasheet(HTML) 94 Page - Motorola, Inc

Back Button 8HC08M68HC Datasheet HTML 90Page - Motorola, Inc 8HC08M68HC Datasheet HTML 91Page - Motorola, Inc 8HC08M68HC Datasheet HTML 92Page - Motorola, Inc 8HC08M68HC Datasheet HTML 93Page - Motorola, Inc 8HC08M68HC Datasheet HTML 94Page - Motorola, Inc 8HC08M68HC Datasheet HTML 95Page - Motorola, Inc 8HC08M68HC Datasheet HTML 96Page - Motorola, Inc 8HC08M68HC Datasheet HTML 97Page - Motorola, Inc 8HC08M68HC Datasheet HTML 98Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 454 page
background image
Technical Data
MC68HC908AS60 — Rev. 1.0
94
EEPROM-1
MOTOROLA
EEPROM-1
6.4.3 EEPROM Block Protection
The 512 bytes of EEPROM are divided into four 128-byte blocks. Each
of these blocks can be separately protected by EEBPx bit. Any attempt
to program or erase memory locations within the protected block will not
allow the program/erase voltage to be applied to the array. Table 6-2
shows the address ranges within the blocks.
If EEBPx bit is set, that corresponding address block is protected. These
bits are effective after a reset or a read to EENVR1 register. The block
protect configuration can be modified by erasing/programming the
corresponding bits in the EENVR1 register and then reading the
EENVR1 register.
In redundant mode, EEBP3 and EEBP2 will have no meaning.
6.4.4 EEPROM Redundant Mode
To extend the EEPROM data retention, the array can be placed in
redundant mode. In this mode, the first 256 bytes of user EEPROM array
are mapped to the last 256 bytes. Reading, programming, and erasing
of the first 256 EEPROM bytes will physically affect two bytes of
EEPROM. Addressing the last 256 bytes will not be recognized. Block
protection still applies but EEBP3 and EEBP2 are meaningless.
NOTE:
Programming the EEPROM in non-redundant mode and programming
the data to its corresponding location before entering redundant mode is
recommended.
Table 6-2. EEPROM Array Address Blocks
Block Number (EEBPx)
Address Range
EEBP0
$0800–$087F
EEBP1
$0880–$08FF
EEBP2
$0900–$097F
EEBP3
$0980–$09FF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com