Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4532WSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT4532WSC
Description  High Efficiency Backlight LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4532WSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT4532WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
RT4532
www.richtek.com
DS4532-01 August 2015
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 1. Register Map
Slave Address = 0100010x
Address
Address
Name
BIT
LABEL
Default
(Reset Value)
Description
0x00
Device ID
7:0
DEV_ID
0x01
Manufacture
7:2
REV
000000
Revision number
1:0
VID
11
Vendor ID : Richtek
0x02
Config1
7
OVPsel
1
OVP threshold ([0] 16V, [1] 24V)
6
PWM_EN
1
PWM enable : [0] Ignored, [1] Enable
5
PWM _SET
0
PWM active setup : [0] High active, [1] Low
active
4
Reserved
3
MAX_Current
0
[0] 20mA, [1] 40mA,
2
LED1_EN
1
Backlight LED1 : [0] OFF, [1] ON
1
LED2_EN
1
Backlight LED2 : [0] OFF, [1] ON
0
DEV_EN
1
CHIP enable : [0] OFF, [1] ON
0x03
Timing
7
RST_SW
0
Software reset : [0] Disable(Auto), [1] Reset all
registers
6
FSW
1
Switching frequency ([0]550kHz, [1]1.1MHz)
5:3
UP_RATE
000
Brightness ramp-up rate : [000] 32
s, [001]
4.096ms, [010] 8.192ms, [011] 16.383ms, [100]
32.768ms, [101] 65.536ms, [110] 131.072ms,
[111] 262.144ms
2:0
DN_RATE
000
Brightness ramp-down rate : [000] 32
s, [001]
4.096ms, [010] 8.192ms, [011] 16.383ms, [100]
32.768ms, [101] 65.536ms, [110] 131.072ms,
[111] 262.144ms
0x04
Linear
Brightness
Control
7:0
BRIGHT_LIN
00000000
[00000000] 0.39%, [00000001] 0.39%,
……
[111111111] 100%
0x05
FLAG
7:4
Reserved
0
3
LED1_FT
0
LED1 short : [0] Normal, [1] Fault
2
LED2_FT
0
LED2 short : [0] Normal, [1] Fault
1
OVP
0
Output over voltage : [0] Normal, [1] Fault
0
OTP
0
Over temperature : [0] Normal, [1] Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com