Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BAS16
Description  Silicon Diode in a SOT-23 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BAS16 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BAS16 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS16 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS16 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS16 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS16 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS16 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAS16
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Maximum Repetitive Reverse Voltage
VRRM
85
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak Forward Surge Current
IFSM(1)(PW=1S)
1.0
A
IFSM(2)(PW=1mS)
2.0
A
Power Dissipation
PD
350
mW
Thermal Resistance, Junction to Ambient
RθJA
357
/W
℃
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Breakdown Voltage
VR
IR=5.0μA
85
V
Forward Voltage
VF
IF=1.0mA
715
mV
IF=10mA
855
mV
IF=50mA
1.0
V
IF=150mA
1.25
V
Instantaneous Reverse Current
IR
VR=75V
1.0
μA
VR=25V
TA=150℃
30
μA
VR=75V
TA=150℃
50
μA
Total Capacitance
CT
VR=0
f=1.0MHz
2.0
pF
Reverse Recovery Time
trr
IF=1R=10mA
IRR=1.0mA
RL=100Ω
6.0
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com