Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4533 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT4533
Description  Asynchronous Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4533 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT4533 Datasheet HTML 1Page - Richtek Technology Corporation RT4533 Datasheet HTML 2Page - Richtek Technology Corporation RT4533 Datasheet HTML 3Page - Richtek Technology Corporation RT4533 Datasheet HTML 4Page - Richtek Technology Corporation RT4533 Datasheet HTML 5Page - Richtek Technology Corporation RT4533 Datasheet HTML 6Page - Richtek Technology Corporation RT4533 Datasheet HTML 7Page - Richtek Technology Corporation RT4533 Datasheet HTML 8Page - Richtek Technology Corporation RT4533 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
RT4533/A
DS4533/A-02
September 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT4533/A is a constant frequency, current mode
Boost LED driver. In normal operation, the N-MOSFET is
turned on when the PWM Control circuit is set by the
oscillator and is turned off when the current comparator
resets the PWM Control circuit. While the N-MOSFET is
turned off, the inductor current conducts through the
external diode.
UVLO
When the input voltage is lower than the UVLO threshold
(2.37V typ.), the driver will turn off. There is a 80mV for
the UVLO hysteresis control.
Soft-Start
When the device is enabled, the Comp ramps up to the
target voltage in a specific time. This ensures that the
output voltage rises slowly to reduce the input inrush
current.
EN Dimming
The EN pin is used for the control input for both PWM
dimming mode and digital dimming mode. Shutdown delay
when the EN voltage is logic low for more than specific
time, the driver will be shut down.
Logic Control,
Minimum On
Time
Current-
Sense
OCP
Driver
+
Slope
Compensation
PWM
EA
GM
LPF
20ms
Shutdown
Enable
Logic
OVP
OTP
UVLO
VREF
LX
GND
FB
VOUT
VIN
EN
Internal
Compensation
Internal
Soft-Start
PWM
Oscillator
Reference
Voltage
Bias
Current
OCP
The driver provides cycle-by-cycle current limit function
to control the current on power switch. The boost switch
turns off when the inductor current reaches this current
threshold and it remains off until the beginning of the next
switching cycle. This protects the RT4533/A and external
component under overload conditions.
OVP
The Over Voltage Protection is detected by a resistor
divider circuit from VOUT.
Once VOUT goes over the OVP voltage, LX pin stops
switching and the power N-MOSFET will be turned off.
Then, the VOUT will be discharged by external resistor.
OVP will be released until EN goes from Lo to Hi again.
OTP
As the die temperature is higher than 160
°C, the chip
also will enter protection mode. The power MOSFET will
be turned off during protection mode to prevent abnormal
operation. The device is released from shutdown
automatically when the junction temperature decreases
by 15
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com