Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9458WSC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9458WSC
Description  Switch-Mode Single Cell Li-Ion Battery Charger
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9458WSC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9458WSC Datasheet HTML 1Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 2Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 3Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 4Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 5Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9458WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
DS9458-02
February 2017
www.richtek.com
RT9458
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Operation
The RT9458 is a switch mode charger with USB-OTG
support for single cell Li-Ion battery in portable applications.
Base Circuits
Base circuits provide the internal power, VDD and reference
voltage and bias current.
Current Sense
Current sense circuit regulates the output current up to
1.5A to battery
Protection Circuits
The protection block includes the OVP, UVLO, OTP, Timer
and other circuits. It turns off the charging when the charger
IC or input power is in abnormal level.
Loop Controller and PWM and Driver
The multi-loop controller controls the PWM signal during
the charging process. The PWM circuit controls the power
stage through the driver. It makes sure that the battery is
well-charged with suitable current, voltage and die-
temperature.
I2C Interface
The I2C interface is used to program the charging
parameters, ex : output current and output voltage.
State Machine
The State Machine controls the operation of the switching
charger and outputs the interrupt via the IRQ pin if there is
any fault be triggered.
Base
VDD, Ibias,
VREF, OSC
Protection
OVP, UVLO,
OTP, Timer
PGND
AGND
VIN
SCL
LX
Gate
Driver 1
BOOT
Gate
Driver 2
VMID
SDA
State
Machine
I
2
C
IRQ
OTG
BATS
Current
Sense
Loop
Control
ISNSIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com