Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9480 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution Integrated Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation RT9480 Datasheet HTML 10Page - Richtek Technology Corporation RT9480 Datasheet HTML 11Page - Richtek Technology Corporation RT9480 Datasheet HTML 12Page - Richtek Technology Corporation RT9480 Datasheet HTML 13Page - Richtek Technology Corporation RT9480 Datasheet HTML 14Page - Richtek Technology Corporation RT9480 Datasheet HTML 15Page - Richtek Technology Corporation RT9480 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT9480
13
DS9480-05
February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
BUTTON Press Timing
Define Button (Short/Long) Press Timing
Short press = min (0.1s)
Blank = min (0.1s)
SOC LED Flash and Running Timing
SOC LED Flash
0.5s
0.5s
SOC LED Running
0.5s
0.5s
0.5s
LED Indicator Function
About LED indicator, it will follow below table to show
SOC. The LED current is 0.75mA.
●●●●
Low→High
● : LED ON, ○ : LED OFF, ● : LED FLASH
Battery Voltage
Operation of Charging
 3700mV
●○○○
●●●○
●●○○
●●●●
 3700mV
 3940mV
●●● ○
●●○○
●●● ●
 3940mV
 4100mV
●●● ○
●●● ●
 4100mV
 4200mV
●●●●
4200mV
●●●●
Battery Voltage
Operation of Discharging
 4200mV
 3880mV
●●●●
 3880mV
 3720mV
●●●○
 3720mV
 3500mV
●●○○
 3500mV
 3200mV
●○○○
 3200mV
 2800mV
●○○○



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com