Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF103 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF103
Description  QwikRadio UHF ASK Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF103 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF103 Datasheet HTML 1Page - Micrel Semiconductor MICRF103 Datasheet HTML 2Page - Micrel Semiconductor MICRF103 Datasheet HTML 3Page - Micrel Semiconductor MICRF103 Datasheet HTML 4Page - Micrel Semiconductor MICRF103 Datasheet HTML 5Page - Micrel Semiconductor MICRF103 Datasheet HTML 6Page - Micrel Semiconductor MICRF103 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MICRF103
Micrel
MICRF103
4
June 2002
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
After the release of the STDBY, the device requires an initialization time to settle the REFOSC and the internal PLL. The first MARK state
(ASK HIGH) after exit from STDBY needs to be longer than the initialization time. The subsequent low to high transitions will be treated as
data modulation whereby the envelope transition time will apply.
Note 5.
The varactor capacitance tuning range indicates the allowable external antenna component variation to maintain tune over normal production
tolerances of external components. Guaranteed by design not tested in production.
Note 6.
For the ASK modulation scheme, the part will accept ASK (digital ON/OFF) input and will transmit the data with a finite extinction ratio and the
pin will set the MARK power level.
Note 7.
When the device is first powered up or it loses power momentarily, it goes into the calibration mode to tune up the transmit antenna.
Test Circuit
PC
VDD
VSS
REFOSC
ASK
MICRF103
ANTM
ANTP
STBY
100
Ω
4:1
680pF
7.1nH
680pF
200
Ω
100
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com