Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MKS02
Description  Metallized polyester capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MKS02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MKS02 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKS02 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capaci-
tance
16 VDC/
10 VAC*
50 VDC/
30 VAC*
63 VDC/
40 VAC*
100 VDC/
63 VAC*
* AC voltage: f = 50 Hz;
1.4 x Urms + UDC <= Ur
**PCM = Printed circuit module
= lead spacing.
Dims. in mm
d = 0.4
Ø
Rights reserved to amend design data
without prior notification.
W
H
L
PCM** W
H
L
PCM** W
H
L
PCM** W .H. L
PCM**
1000pF
1500 "
2200 "
3300 "
4700 "
6800 "
2.5
2.5
2.5
2.5
2.5
2.5
5.5
5.5
5.5
5.5
5.5
5.5
4.6
4.6
4.6
4.6
4.6
4.6
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
7
7
7
7
7
7
4.6
4.6
4.6
4.6
4.6
4.6
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
7
7
7
7
7
7
4.6
4.6
4.6
4.6
4.6
4.6
2.5
2.5
2.5
2.5
2.5
2.5
0.01µF
0.015 "
0.022 "
0.033 "
0.047 "
0.068 "
2.5
2.5
2.5
2.5
2.5
2.5
5.5
5.5
5.5
5.5
5.5
5.5
4.6
4.6
4.6
4.6
4.6
4.6
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
3
7
7
7
7
7
7.5
4.6
4.6
4.6
4.6
4.6
4.6
2.5
2.5
2.5
2.5
2.5
2.5
0.1 µF
0.15 "
0.22 "
0.33 "
0.47 "
0.68 "
2.5
3
3
3.8
4.6
4.6
5.5
7.5
7.5
8.5
9
9
4.6
4.6
4.6
4.6
4.6
4.6
2.5
2.5
2.5
2.5
2.5
2.5
3
3
3.8
4.6
4.6
7.5
7.5
8.5
9
9
4.6
4.6
4.6
4.6
4.6
2.5
2.5
2.5
2.5
2.5
3
7.5 4.6
2.5
1.0 µF
1.5 "
5.5
5.5
10
10
4.6
4.6
2.5
2.5
5.5 10 4.6
2.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com