Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNLM129A-X Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNLM129A-X
Description  PRECISION REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLM129A-X Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MNLM129A-X Datasheet HTML 1Page - National Semiconductor (TI) MNLM129A-X Datasheet HTML 2Page - National Semiconductor (TI) MNLM129A-X Datasheet HTML 3Page - National Semiconductor (TI) MNLM129A-X Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Original Creation Date: 07/10/95
Last Update Date: 02/24/03
Last Major Revision Date: 07/10/95
MNLM129A-X REV 0CL
MICROCIRCUIT DATA SHEET
PRECISION REFERENCE
General Description
The LM129 is a precision multi-current temperature-compensated 6.9V zener reference with
dynamic impedances a factor of 10 to 100 less than discrete diodes. Constructed in a
single silicon chip, the LM129 uses active circuitry to buffer the internal zener allowing
the device to operate over a 0.5 mA to 15 mA range with virtually no change in
performance. The LM129 is available with selected temperature coefficients of 0.001,
0.002, 0.005 and 0.01%/ C. These new references also have excellent long term stability
and low noise.
A new subsurface breakdown zener used in the LM129 gives lower noise and better long-term
stability than coventional IC zeners. Further the zener and temperature compensating
transistor are made by a planar process so they are immune to problems that plague
ordinary zeners. For example, there is virtually no voltage shift in zener voltage due to
temperature cycling and the device is insenstive to stress on the leads.
The LM129 can be used in place of conventional zeners with improved performance. The low
dynamic impedance simplifies biasing and the wide operating current allows the replacement
of may zener types.
The LM129 is packaged in a 2-lead T0-46 package and is rated for operation over a -55 C to
+125 C temperature range.
NS Part Numbers
LM129AH-SMD*
LM129AH/883
Industry Part Number
LM129
Prime Die
LM129
Controlling Document
5962-8992101XA*
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - MNLM129A-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM101A-X NSC-MNLM101A-X Datasheet
32Kb / 5P
OPERATION AMPLIFIER
MNLM136A NSC-MNLM136A Datasheet
110Kb / 8P
2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
MNLM136A-2.5-X NSC-MNLM136A-2.5-X Datasheet
110Kb / 8P
2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
MNLM136A-2.5-X-RH NSC-MNLM136A-2.5-X-RH Datasheet
110Kb / 8P
2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
More results

Similar Description - MNLM129A-X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199_1 Datasheet
141Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com