Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC958 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC958
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC958 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC958 Datasheet HTML 1Page - Motorola, Inc MPC958 Datasheet HTML 2Page - Motorola, Inc MPC958 Datasheet HTML 3Page - Motorola, Inc MPC958 Datasheet HTML 4Page - Motorola, Inc MPC958 Datasheet HTML 5Page - Motorola, Inc MPC958 Datasheet HTML 6Page - Motorola, Inc MPC958 Datasheet HTML 7Page - Motorola, Inc MPC958 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC958
MOTOROLA
TIMING SOLUTIONS
2
GNDO
Q1
VCCO
Q0
GNDO
QFB
VCO_SEL
Q6
VCCO
Q7
GNDO
Q8
VCCO
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
123456
78
24
23
22
21
20
19
18
17
16
MPC958
FUNCTION TABLES
BYPASS
Function
1
0
PLL Enabled
PLL Bypass
MR/OE
Function
1
0
Outputs Disabled
Outputs Enabled
Figure 2. 32–Lead Pinout (Top View)
VCO_SEL
Function
1
0
÷2
÷1
PLL_EN
Function
1
0
Select VCO
Select PECL_CLK
Q9
GNDO
VCCO
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VCC + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
THERMAL CHARACTERISTICS
Proper thermal management is critical for reliable system operation. This is especially true for high fanout and high drive
capability products. Generic thermal information is available for the Motorola Clock Driver products. The means of calculating die
power, the corresponding die temperature and the relationship to longterm reliability is addressed in the Motorola application
note AN1545.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com