Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9608 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC9608
Description  1:10 LVCMOS Zero Delay Clock Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9608 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC9608 Datasheet HTML 3Page - Motorola, Inc MPC9608 Datasheet HTML 4Page - Motorola, Inc MPC9608 Datasheet HTML 5Page - Motorola, Inc MPC9608 Datasheet HTML 6Page - Motorola, Inc MPC9608 Datasheet HTML 7Page - Motorola, Inc MPC9608 Datasheet HTML 8Page - Motorola, Inc MPC9608 Datasheet HTML 9Page - Motorola, Inc MPC9608 Datasheet HTML 10Page - Motorola, Inc MPC9608 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC9608
TIMING SOLUTIONS
7
Due to the statistical nature of I/O jitter, an RMS value (1
σ)
is specified. I/O jitter numbers for other confidence factors (CF)
can be derived from Table 8.
The feedback trace delay is determined by the board layout
and can be used to fine-tune the effective delay through each
device. In the following example calculation a I/O jitter confi-
dence factor of 99.7% (
± 3σ) is assumed, resulting in a worst
case timing uncertainty from input to any output of -295 ps to
295 ps1 relative to CCLK:
tSK(PP) =
[-100 ps...100 ps] + [-150 ps...150 ps] +
[(15 ps . -3)...(15 ps . 3)] + tPD, LINE(FB)
tSK(PP) =
[-295 ps...295 ps] + tPD, LINE(FB)
Driving Transmission Lines
The MPC9608 clock driver was designed to drive high
speed signals in a terminated transmission line environment. To
provide the optimum flexibility to the user the output drivers
were designed to exhibit the lowest impedance possible. With
an output impedance of less than 20
Ω the drivers can drive ei-
ther parallel or series terminated transmission lines. For more
information on transmission lines the reader is referred to Mo-
torola application note AN1091. In most high performance clock
networks point-to-point distribution of signals is the method of
choice. In a point-to-point scheme either series terminated or
parallel terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a 50
Ω
resistance to VCC ÷ 2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each output
of the MPC9608 clock driver. For the series terminated case
however there is no DC current draw, thus the outputs can drive
multiple series terminated lines. Figure 5 “Single versus Dual
Transmission Lines” illustrates an output driving a single series
terminated line versus two series terminated lines in parallel.
When taken to its extreme, the fanout of the MPC9608 clock
driver is effectively doubled due to its capability to drive multiple
lines.
The waveform plots in Figure 6 “Single versus Dual Line
Termination Waveforms” show the simulation results of an out-
put driving a single line versus two lines. In both cases the drive
capability of the MPC9608 output buffer is more than sufficient
to drive 50
Ω transmission lines on the incident edge. From the
delay measurements in the simulations a delta of only 43 ps ex-
ists between the two differently loaded outputs. This suggests
that the dual line driving need not be used exclusively to main-
tain the tight output-to-output skew of the MPC9608. The output
waveform in Figure 6 “Single versus Dual Line Termination
Waveforms” shows a step in the waveform. This step is caused
by the impedance mismatch seen looking into the driver. The
parallel combination of the 36
Ω series resistor plus the output
impedance does not match the parallel combination of the line
impedances. The voltage wave launched down the two lines will
equal:
VL =VS ( Z0 ÷ (RS +R0 +Z0))
Z0 = 50 Ω || 50 Ω
RS =36 Ω || 36 Ω
R0 =14 Ω
VL = 3.0 ( 25 ÷ (18 + 17 + 25))
=1.31 V
At the load end the voltage will double to 2.6 V due to the
near unity reflection coefficient. It will then increment towards
the quiescent 3.0 V in steps separated by one round trip delay
(in this case 4.0 ns).
TABLE 8. Confidence Facter CF
CF
Probability of clock edge within the distribution
± 1σ
0.68268948
± 2σ
0.95449988
± 3σ
0.99730007
± 4σ
0.99993663
± 5σ
0.99999943
± 6σ
0.99999999
1. Skew data are designed targets and pending device specifcations.
Figure 5. Single versus Dual Transmission Lines
14
Ω
IN
MPC9608
OUTPUT
BUFFER
RS = 36 Ω ZO = 50 Ω
OutA
14
Ω
IN
MPC9608
OUTPUT
BUFFER
RS = 36 Ω ZO = 50 Ω
OutB0
RS = 36 Ω ZO = 50 Ω
OutB1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com