Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER201 Datasheet(PDF) 6 Page - Formosa MS

Part # HER201
Description  Axial Leaded High Effciency Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HER201 Datasheet(HTML) 6 Page - Formosa MS

  HER201_17 Datasheet HTML 1Page - Formosa MS HER201_17 Datasheet HTML 2Page - Formosa MS HER201_17 Datasheet HTML 3Page - Formosa MS HER201_17 Datasheet HTML 4Page - Formosa MS HER201_17 Datasheet HTML 5Page - Formosa MS HER201_17 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
HER201 THRU HER208
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222307
2008/02/10
2010/03/10
C
6
Axial Leaded High Effciency Rectifiers
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. Pull Test
4. Bend Lead
5. High Temperature Reverse Bias
6. Forward Operation Life
7. Intermittent Operation Life
8. Pressure Cooker
9. Temperature Cycling
10. Forward Surge
11. Humidity
12. High Temperature Storage Life
at 260±5
for 10±2sec.
immerse body into solder 1/16"±1/32"
o
at 245±5 C for 5 sec.
1.0kg in axial lead direction for 10 sec.
IF=IO
1.0kg weight applied to each lead bending
o
o
arc 90 ±5 for 3 times
o
V =80% rate at T =125 C for 168 hrs.
R
J
o
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min,
on and off for 500 cycles.
o
15P
at T =121 C for 4 hrs.
SIG
A
o
o
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave one surge.
o
at T =85 C, RH=85% for 1000hrs.
A
o
at 175 C for 1000 hrs.
oC
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-202F
METHOD-211A
MIL-STD-202F
METHOD-211A
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com