Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL34M Datasheet(PDF) 2 Page - Formosa MS

Part # GL34M
Description  MINI-MELF General Purpose Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GL34M Datasheet(HTML) 2 Page - Formosa MS

  GL34M Datasheet HTML 1Page - Formosa MS GL34M Datasheet HTML 2Page - Formosa MS GL34M Datasheet HTML 3Page - Formosa MS GL34M Datasheet HTML 4Page - Formosa MS GL34M Datasheet HTML 5Page - Formosa MS GL34M Datasheet HTML 6Page - Formosa MS GL34M Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Features
Low profile surface mounted application in order to
optimize board space.
High current capability.
High surge capability.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
• Suffix "-H" indicates Halogen-free parts, ex. GL34A-H.
•
•
•
•
•
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, Mini-Melf / DO-213AA
• Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
• Mounting Position : Any
• Weight : Approximated 0.03 gram
•
Package outline
Page 2
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
See Fig.1
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
θJA
C
J
T
STG
A
A
μA
OC/W
OC
pF
0.5
10
5.0
+175
-65
125
GL34A
GL34B
GL34D
35
70
140
50
100
200
-55 to +150
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =0.5A
F
O
V
= V
T = 25 C
R
RRM
J
V
= V
T = 125°C
R
RRM
J
Junction to ambient
4.0
250
V
F
(V)
*4
GL34G
GL34J
280
420
400
600
1.10
DO-213AA
Dimensions in inches and (millimeters)
.063(1.6)
.055(1.4)
.140(3.6)
.130(3.3)
.015(.40)
.012(.30)
SOLDERABLE
ENDS
Formosa MS
800
1000
50
100
200
400
600
800
1000
560
700
GL34K
GL34M
GL34A THRU GL34M
0.5A Surface Mount General Purpose
Rectifiers - 50V-1000V
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221101
2008/02/10
2010/03/10
C
7
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
MINI-MELF General Purpose Rectifier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com