Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM58 Datasheet(PDF) 2 Page - Formosa MS

Part # SFM58
Description  Chip Super Fast Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM58 Datasheet(HTML) 2 Page - Formosa MS

  SFM58 Datasheet HTML 1Page - Formosa MS SFM58 Datasheet HTML 2Page - Formosa MS SFM58 Datasheet HTML 3Page - Formosa MS SFM58 Datasheet HTML 4Page - Formosa MS SFM58 Datasheet HTML 5Page - Formosa MS SFM58 Datasheet HTML 6Page - Formosa MS SFM58 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight :
0.19 gram
•
•
•
•
•
•
DO-214AB / SMC
Approximated
Package outline
Page 2
Formosa MS
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability.
High surge current capability.
Glass passivated chip junction.
Features
Lead-free parts meet RoHS requirments.
• Superfast recovery time for switching mode application.
• Suffix "-H" indicates Halogen free parts, ex. SFM51-H.
•
•
•
•
•
•
5.0A Surface Mount Super
Fast Rectifiers-50-600V
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
μA
OC
pF
5.0
125
5.0
+175
-65
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
O
80
100
SFM51
SFM52
SFM53
50
100
150
35
70
105
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =5.0A
F
*5 Maximum Reverse recovery time, note 1
V
F
(V)
*4
SFM54
SFM55
200
300
140
210
1.70
-55 to +150
SFM56
SFM57
400
500
280
350
35
50
100
150
200
300
400
500
0.95
1.25
SFM58
600
600
420
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
0.272(6.9)
0.248(6.3)
0.012(0.3) Typ.
0.189(4.8)
0.165(4.2)
0.098(2.5)
0.075(1.9)
0.048 (1.2) Typ.
0.048(1.2) Typ.
Dimensions in inches and (millimeters)
SMC
Note 1. Reverse recovery time test condition, I =0.5A, I =1.0A, I
=0.25A
FRRR
t
rr
(ns)
*5
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
SFM51 THRU SFM58
DS-121456
2012/11/06
-
A
7
Chip Super Fast Rectifiers



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com