Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9624F Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9624F
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624F Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9624F Datasheet HTML 1Page - Richtek Technology Corporation RT9624F Datasheet HTML 2Page - Richtek Technology Corporation RT9624F Datasheet HTML 3Page - Richtek Technology Corporation RT9624F Datasheet HTML 4Page - Richtek Technology Corporation RT9624F Datasheet HTML 5Page - Richtek Technology Corporation RT9624F Datasheet HTML 6Page - Richtek Technology Corporation RT9624F Datasheet HTML 7Page - Richtek Technology Corporation RT9624F Datasheet HTML 8Page - Richtek Technology Corporation RT9624F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9624F
3
DS9624F-02
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
POR (Power On Reset)
The POR block detects the voltage the VCC pin. When
the VCC pin voltage is higher than POR rising threshold,
the POR block output is high. The POR output is low
when VCC is not less than POR rising threshold. When
the POR block output is high, UGATE and LGATE can be
controlled by PWM input voltage. If the POR block output
is low, both UGATE and LGATE will be pulled to low.
Tri-State Detect
When both POR block output and EN pin voltages are
high, UGATE and LGATE can be controlled by PWM input.
There are three PWM input modes, which are high, low,
and shutdown state. If PWM input is within the shutdown
window, both UGATE and LGATE output are low. When
PWM input is higher than its rising threshold, UGATE is
high and LGATE is low. When PWM input is lower than
its falling threshold, UGATE is low and LGATE is high.
Bootstrap Control
The Bootstrap control block controls the integrated
bootstrap switch. When LGATE is high (low-side MOSFET
is turned on), the bootstrap switch is turned on to charge
the bootstrap capacitor connected to BOOT pin. When
LGATE is low (low-side MOSFET is turned off), the
bootstrap switch is turned off to disconnect VCC pin and
BOOT pin.
Turn-Off Detection
The turn-off detection block detects whether high-side
MOSFET is turned off by monitoring the PHASE pin
voltage. To avoid shoot through between high-side and
low-side MOSFETs, low-side MOSFET can be turned on
only after high-side MOSFET is effectively turned off.
Shoot-Through Protection
The shoot-through protection block implements the dead
time when both high-side and low-side MOSFETs are
turned off. With shoot-through protection block, high-side
and low-side MOSFET are never turned on simultaneously.
Thus, shoot through between high-side and low-side
MOSFETs is prevented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com