Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5874 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5874
Description  Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5874 Datasheet(HTML) 1 Page - Seme LAB

  2N5874 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N5874
Bipolar NPN Device.
V
CEO =
80V
I
C = 7A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
7
A
h
FE
@ 4/2.5 (V
CE / IC)
20
100
-
f
t
4M
Hz
P
D
115
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - 2N5874

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5874 ETC-2N5874 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N5874 SAVANTIC-2N5874 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5874 ISC-2N5874 Datasheet
130Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N5874 NJSEMI-2N5874 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
2N5874 SAVANTIC-2N5874 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N5874

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N5622 SEME-LAB-SF_2N5622 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_2N3716 SEME-LAB-SF_2N3716 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_2N6654 SEME-LAB-SF_2N6654 Datasheet
12Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_BDX93 SEME-LAB-SF_BDX93 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_BUW77 SEME-LAB-SF_BUW77 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2N6254 SEME-LAB-2N6254 Datasheet
12Kb / 1P
BIPOLAR NPN DEVICE IN A HERMETICALLY SEALED TO3 METAL PACKAGE
BUW26 SEME-LAB-BUW26 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2N5936 SEME-LAB-2N5936 Datasheet
18Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
BDX91 SEME-LAB-BDX91 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
BUL49B SEME-LAB-BUL49B Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com