Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALP Datasheet(PDF) 3 Page - Kemet Corporation

Part # ALP
Description  Board Mounting or Solder Tag Terminations
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALP Datasheet(HTML) 3 Page - Kemet Corporation

  ALP Datasheet HTML 1Page - Kemet Corporation ALP Datasheet HTML 2Page - Kemet Corporation ALP Datasheet HTML 3Page - Kemet Corporation ALP Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BHC Aerovox
LTD.
-
A L U M I N I U M
E L E C T R O L Y T I C
C A P A C I T
O R S
Board Mounting or Solder Tag Terminations
Rated
Cap
Case
ESR m
Ω
Ω
Ω
Ω
Ω at 20°C
Impedance m
Ω
Ω
Ω
Ω
Ω Ripple current A at 85°C
Type number
voltage
µF
Size
100Hz
at 20 °C,10 KHz
100 Hz
(Excluding style ref)
10000
25x35
75
67
2.54
AL-22A103AA010
15000
25x45
51
45
3.39
AL-22A153AB010
22000
30x45
43
39
4.13
AL-22A223BB010
33000
35x45
40
37
4.73
AL-22A333CB010
47000
35x55
31
29
5.78
AL-22A473CD010
47000
40x45
39
36
5.22
AL-22A473DB010
68000
40x55
30
28
6.39
AL-22A683DD010
100000
40x75
22
20
8.39
AL-22A104DE010
150000
40x105
15
14
11.67
AL-22A154DF010
6800
25x35
79
69
2.48
AL-22A682AA016
10000
25x45
54
48
3.30
AL-22A103AB016
15000
30x45
45
40
4.04
AL-22A153BB016
22000
35x45
41
37
4.67
AL-22A223CB016
33000
35x55
32
29
5.69
AL-22A333CD016
33000
40x45
40
37
5.15
AL-22A333DB016
47000
40x55
31
29
6.29
AL-22A473DD016
68000
40x75
22
21
8.39
AL-22A683DE016
100000
40x105
16
15
11.30
AL-22A104DF016
4700
25x35
82
73
2.43
AL-22A472AA025
6800
25x45
57
50
3.21
AL-22A682AB025
10000
30x45
50
45
3.83
AL-22A103BB025
15000
35x45
48
44
4.31
AL-22A153CB025
22000
35x55
37
34
5.29
AL-22A223CD025
22000
40x45
48
44
4.70
AL-22A223DB025
33000
40x55
37
34
5.75
AL-22A333DD025
47000
40x75
26
24
7.73
AL-22A473DE025
68000
40x105
18
17
10.65
AL-22A683DF025
3300
25x35
82
72
2.43
AL-22A332AA040
4700
25x45
57
50
3.21
AL-22A472AB040
6800
30x45
52
46
3.76
AL-22A682BB040
10000
35x45
50
45
4.23
AL-22A103CB040
15000
35x55
39
36
5.15
AL-22A153CD040
15000
40x45
50
45
4.61
AL-22A153DB040
22000
40x55
39
36
5.60
AL-22A223DD040
33000
40x75
27
25
7.58
AL-22A333DE040
47000
40x105
19
17
10.37
AL-22A473DF040
2200
25x35
87
75
2.36
AL-22A222AA063
3300
25x45
58
51
3.18
AL-22A332AB063
4700
30x45
55
49
3.65
AL-22A472BB063
6800
35x45
54
49
4.07
AL-22A682CB063
10000
35x55
42
38
4.97
AL-22A103CD063
10000
40x45
54
48
4.43
AL-22A103DB063
10000
40x55
42
38
5.40
AL-22A103DD063
15000
40x75
30
27
7.19
AL-22A153DE063
22000
40x105
20
18
10.11
AL-22A223DF063
680
25x35
225
185
1.47
AL-22A681AA100
1000
25x45
153
126
1.96
AL-22A102AB100
1500
30x45
116
98
2.52
AL-22A152BB100
2200
35x45
97
84
3.03
AL-22A222CB100
3300
35x55
72
63
3.79
AL-22A332CD100
3300
40x45
89
79
3.45
AL-22A332DB100
4700
40x55
68
61
4.24
AL-22A472DD100
6800
40x75
47
42
5.75
AL-22A682DE100
10000
40x105
32
28
7.99
AL-22A103DF100
ALP/T22 SERIES
Note: Values of E.S.R. and Impedance quoted above are maximum
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com