Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2023SS2 Datasheet(PDF) 17 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2023SS2
Description  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2023SS2 Datasheet(HTML) 17 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2023SS2 Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. M2023SS2 Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. M2023SS2 Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. M2023SS2 Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. M2023SS2 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. M2023SS2 Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. M2023SS2 Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. M2023SS2 Datasheet HTML 20Page - Nihon Kaiheiki Industry Co. Ltd. M2023SS2 Datasheet HTML 21Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Series M
Bracket PC Mount Miniature Toggles
A68
A
www.nkkswitches.com
CONTACT MATERIALS & RATINGS
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Note: See Supplement section to find complete explanation of operating range.
Gold over Silver
Power Level
or Logic Level
6A @ 125V AC
or 0.4VA maximum @ 28V AC/DC maximum
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within
the same application. See Supplement section to find complete explanation of dual rating and operating range.
A
W
G
TERMINALS
OPTIONAL CAPS & CAP COLORS
PCB footprints are on the following Typical Switch Dimension page.
* AT415
for S Bat Toggle
* AT444
Conical Cap for
S Bat Toggle
C
B
Black
A
Cap Colors
Available:
White
B
Red
C
Yellow
E
Green
F
Blue
G
Material:
Polyethylene
Material:
Polyethylene
25°
(4.8) Dia
.189
(11.5)
.452
(13.1)
.516
13
.250” (6.35mm)
Terminal with
.465” (11.8mm)
Bracket
15
17
23
25
26
.750” (19.05mm)
Terminal with
.953” (24.2mm)
Bracket
.425” (10.8mm)
Terminal with
.630” (16.0mm)
Bracket
.250” (6.35mm)
Terminal with
.465” (11.8mm)
Bracket
.964” (24.5mm)
Terminal with
1.150” (29.2mm)
Bracket
.425” (10.8mm)
Terminal with
.630” (16.0mm)
Bracket
Straight PC Mount with Bracket
Straight PC Mount with Reinforced Bracket
(5.0) Dia
.197
(13.5)
.532
(12.0)
.472
25°
* AT415 and AT444 for use with S toggles only, not S2 or S3 toggles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com