Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20100CT Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MBRF20100CT
Description  Schottky Barrier Diode in a TO-220F Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MBRF20100CT Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MBRF20100CT Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF20100CT Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF20100CT Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF20100CT Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF20100CT Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF20100CT Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRF20100CT
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Peak Repetitive Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Reverse forward current
IFRM
20
A
Average Forward Current
IF(AV)
10
A
Average Forward Current(total)
IF(AV)
(
total)
20
A
Non Repetitive Peak Surge Current
IFSM
150
A
Peak Repetitive Reverse Current
IRRM
0.5
A
Thermal Resistance Junction to Case
RθJc
3.5
/W
℃
Junction Temperature Range
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Forward Voltage
VF
IF =10A(Tc=25 )
℃
0.8
V
IF =10A(Tc=125 )
℃
0.7
V
IF =20A(Tc=25 )
℃
0.95
V
IF =20A(Tc=125 )
℃
0.85
V
Instantaneous Reverse Current
IR
VR=100V(Tc=25 )
℃
0.15
mA
VR=100V(Tc=125 )
℃
150
mA
Critical rate of rise of reverse voltage dv/dt
10000
V/μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com