Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS3699 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS3699
Description  Dual DPDT Ultra-Low RON Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3699 Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS3699 Datasheet HTML 1Page - ON Semiconductor NLAS3699 Datasheet HTML 2Page - ON Semiconductor NLAS3699 Datasheet HTML 3Page - ON Semiconductor NLAS3699 Datasheet HTML 4Page - ON Semiconductor NLAS3699 Datasheet HTML 5Page - ON Semiconductor NLAS3699 Datasheet HTML 6Page - ON Semiconductor NLAS3699 Datasheet HTML 7Page - ON Semiconductor NLAS3699 Datasheet HTML 8Page - ON Semiconductor NLAS3699 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NLAS3699
http://onsemi.com
2
Figure 1. Input Equivalent Circuit
S1
IN
S2
D
PIN DESCRIPTION
QFN PIN #
Symbol
Name and Function
1, 3, 5, 7, 9, 11, 13, 15
1S1 to 4S1, 1S2 to 4S2
Independent Channels
2, 10
1−2IN, 3−4IN
Controls
4, 8, 12, 16
D1 to D4
Common Channels
6
GND
Ground (V)
14
VCC
Positive Supply Voltage
TRUTH TABLE
IN
S1
S2
H
ON
OFF(*)
L
OFF(*)
ON
*High impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com