Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRA4N65 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRA4N65
Description  N-CHANNEL MOSFET in a TO-262 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRA4N65 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRA4N65 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRA4N65 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRA4N65 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRA4N65 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRA4N65 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRA4N65 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BRA4N65
Rev.E Aug.-2017
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-262
塑封封装 N 沟道 MOS 场效应管。N-CHANNEL MOSFET in a TO-262 Plastic Package..
低栅电荷,低反馈电容,开关速度快。
Low gate charge, low crss, fast switching.
用于高功率 DC/DC 转换和功率开关。
These devices are well suited for high efficiency switching DC/DC converters and switch mode power
supplies.
PIN1
:G
PIN 2
:D
PIN 3
:S
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - BRA4N65

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
BRA APEX-ELECTRONICS-BRA Datasheet
852Kb / 8P
Rocker Switch, multiple contact arrangement
logo
Molex Electronics Ltd.
BRA-2156 MOLEX4-BRA-2156 Datasheet
93Kb / 3P
InsulKrimp??Snap Plug Receptacle, for 18-22 AWG Wire, PVC, Fits Male PlugDiameter 3.96mm (.156")
BRA-2156N MOLEX4-BRA-2156N Datasheet
93Kb / 3P
InsulKrimp??Snap Plug Receptacle for 18-22 AWG Wire, Nylon, Fits Male PlugDiameter 3.96mm (.156")
BRA-2180N MOLEX4-BRA-2180N Datasheet
93Kb / 3P
InsulKrimp??Snap Plug Receptacle for 18-22 AWG Wire, Nylon, Fits Male PlugDiameter 4.57mm (.180")
BRA-8156 MOLEX4-BRA-8156 Datasheet
120Kb / 3P
Avikrimp??Snap Plug Receptacle for 18-22 AWG Wire, PVC, Fits Male Plug Diameter3.96mm (.156")
More results

Similar Description - BRA4N65

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MBRA10200CT FOSHAN-MBRA10200CT Datasheet
683Kb / 6P
Schottky Diode in a TO-262 Plastic Package
BR4N60 FOSHAN-BR4N60 Datasheet
971Kb / 6P
N-CHANNEL MOSFET in a TO-220 Plastic Package
BR7N80 FOSHAN-BR7N80 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a TO-220 Plastic Package
BR40N20 FOSHAN-BR40N20 Datasheet
1Mb / 9P
N-CHANNEL MOSFET in a TO-220 Plastic Package
BR50N06 FOSHAN-BR50N06 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a TO-220 Plastic Package
BR80N08A FOSHAN-BR80N08A Datasheet
930Kb / 6P
N-CHANNEL MOSFET in a TO-220 Plastic Package
BR100N03 FOSHAN-BR100N03 Datasheet
884Kb / 6P
N-CHANNEL MOSFET in a TO-220 Plastic Package
BRA2N60 FOSHAN-BRA2N60 Datasheet
709Kb / 6P
N-CHANNEL MOSFET in a TO-262 Plastic Package
BRA7N80 FOSHAN-BRA7N80 Datasheet
979Kb / 6P
N-CHANNEL MOSFET in a TO-262 Plastic Package
BRA20N60 FOSHAN-BRA20N60 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a TO-262 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com