Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P485 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # P485
Description  SSC P485 PL Transceiver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P485 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button P485 Datasheet HTML 9Page - List of Unclassifed Manufacturers P485 Datasheet HTML 10Page - List of Unclassifed Manufacturers P485 Datasheet HTML 11Page - List of Unclassifed Manufacturers P485 Datasheet HTML 12Page - List of Unclassifed Manufacturers P485 Datasheet HTML 13Page - List of Unclassifed Manufacturers P485 Datasheet HTML 14Page - List of Unclassifed Manufacturers P485 Datasheet HTML 15Page - List of Unclassifed Manufacturers P485 Datasheet HTML 16Page - List of Unclassifed Manufacturers P485 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SSC P485 PL Transceiver IC
July 1998
13
Revision 5
24000828
ADVANCE INFORMATION
Timing Diagrams
All timing values are referenced from the 50% mid-point between VDD and VSS. All output timings assume 50
pF load at the pin.
t
rst
RST_N
TS
t
dis
t
dis
t
dis
ILD
RO
Figure 10. Reset Timing
Table 1. Reset Timing Parameters
Symbol
Parameter
Min
Typ
Max
Units
Notes
trst
Reset Pulse Width
300
-
-
ns
tdis
Output Disable Time
3
-
20
ns
1
Notes:
1.
Signals are forced asynchronously to their inactive state on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com