| Electronic Components Datasheet Search |
|
RAC06-05SC Datasheet(PDF) 2 Page - Recom International Power |
|
|
|||||||||||||||||||||||||||||
RAC06-05SC Datasheet(HTML) 2 Page - Recom International Power |
|
2 / 2 page ![]() 2.54 1.2ø+0.2/0.1 2.54 1 2 3 4 10 15 (5) 6.1 45.72 15.65 16.40+0.25 - - 88 15.65 AWG#22 10 stripped and tinned 1 2 4 3 10.16 Bottom View 50.9 (single) 53.5 (dual) 20.32 Top View 1.0 10.16 10.16 Standoffs = 0.75+0.25 Leave Clear of PCB Traces (5) 10.16 25.5 (single) 27.8 (dual) 12.75 (single) 13.90 (dual) 50.9 (single) 53.5 (dual) RAC06-S_DC Series POWERLINE AC/DC-Converter Specifications (measured at TA 25°C, full load after warm-up) Pin Connections Pin # Single Out Dual Out 1 VAC in (N) VAC in (N) 2 VAC in (L) VAC in (L) 3 +VDC out +VDC out 4 -VDC out Com 5 No Pin -VDC out Tolerance ± 0.5 mm Recommended Footprint Details PCB Mounting Version (Standard) Wired Version (Suffix /W) Wire Connections Wire AWG#22 Single Out Dual Out Blue 1015 VAC in (N) VAC in (N) Brown 1015 VAC in (L) VAC in (L) Red 1007 +VDC out +VDC out Black 1007 -VDC out Com Orange 1007 -VDC out Package Style and Pinning 100 0 40% 0% 100% 40 Efficiency / Load 60% 80% 20% 20 60 80 Total Output current (%) 3.3V 5V 15V, 24V 9V, 12V Operating Temperature Range (3) (free air convection, without derating) -25°C to +55°C (free air convection, with derating) -25°C to +75°C Storage Temperature Range -40°C to +100°C Recommended External Input Fuse 1.5A Slow Blow Humidity 95% RH max. Case Material Plastic Case filled with Epoxy (UL94V-0) Package Weight Single/Dual 35g/38g Packing Quantity Single Output 10 pcs Dual Output 9 pcs /W Version 1 pc Emissions CE EN 55022: 2006 + A1: 2007 / Class B EMC EN 55024:1998 + A1:2001 + A2:2003 Harmonics EN 61000-3-2:2006 / Class A Flicker EN 61000-3-3:1995 + A1:2001 +A2:2005 Immunity ESD IEC 61000-4-2 / Criterion B RS IEC 61000-4-3 / Criterion A EFT IEC 61000-4-4 / Criterion B Surge IEC 61000-4-5 / Criterion B CS IEC 61000-4-6 / Criterion A PMF IEC 61000-4-8 / Criterion A Voltage Variations IEC 61000-4-11 / Criteria B + C MTBF (+25°C) using MIL-HDBK-217F >400 x 103 hours (+65°C) >200 x 103 hours Certifications: UL General Safety Report: E224736 UL-60950-1, 2nd Edition cUL Report: E224736 C22.2 No. 60950-1-07, 2nd Edition EN General Safety Report: SPCLVD1211033-1 EN-60950-1:2006 + A12:2011 CE EN55022 Class B 100 0 40% 0% 100% 40 Efficiency / Load 60% 80% 20% 20 60 80 Total Output current (%) ±5V ±12V, ±15V Single Output Dual Output Input Voltage Derating Graph Input Voltage (VAC) Ta=25°C Safe Operating Area 100% 90% 80% 70% 80 130 180 230 280 90V, 100% 80V, 80% 264V, 100% Notes: Note1: Measured @ 230VAC / 50Hz / Ta=25°C with constant resistant mode at full load. Note2: If used @ 115VAC / 60Hz with full load, max. capacitive load is less, please contact RECOM for detailed information. Note3: Start up only is guaranteed at temperatures down to -25°C. Other specifications may not be met. The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications. The Buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or damage property. PA-34 www.recom-power.com REV: 0/2015 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |