Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87431C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87431C
Description  mini-Baseboard Management Controller (mBMC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87431C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87431C Datasheet HTML 1Page - National Semiconductor (TI) PC87431C Datasheet HTML 2Page - National Semiconductor (TI) PC87431C Datasheet HTML 3Page - National Semiconductor (TI) PC87431C Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 National Semiconductor Corporation
November 2002
Revision 1.4
PC87431M/S/C
mini-Baseboard Management Controller (mBMC)
General Description
The National Semiconductor® PC87431x family of mini-
Baseboard Management Controllers (mBMC) is a light ver-
sion of the IPMI v1.5 BMC. It is targeted for a wide range of
remote-controlled platforms such as servers, workstations,
hubs and printers.
The PC87431x incorporates an embedded microcontroller,
three System Management Bus (SMBus®) interfaces, a
Chassis Management interface, Bi-color LED control, an in-
tegrated flash, Fan control, 12 ADC channels, and Digital
Input Event and General-Purpose Output pins.
The PC87431x interfaces with the host via a slave SMBus
interface; it interfaces with the LAN On Motherboard (LOM)
and with peripherals via two independent master SMBus in-
terfaces.
The PC87431x also supports distributed management archi-
tecture via the Intelligent Platform Management Bus (IPMB).
In addition, the PC87431x includes an inhibit strap to en-
able the system to work with the daughter board of an ad-
vanced BMC.
The PC87431x, like other members of National’s Advanced
I/O family, is PC01 and ACPI compliant
Outstanding Features
s
Canned solution
s
LAN commands follow IPMI v1.5
s
MD5 secure authentication
s
Support for a variety of popular LOMs
s
Field Replaceable Unit (FRU) Inventory
s
System Event Log (SEL)
s
Sensor Data Record (SDR) Repository
s
Platform Event Filtering (PEF)
s
Remote secure reset, Power On/Off
s
Remote settable BIOS boot options
s
BIOS Alerting interface
s
System health monitoring using SMBus-based sensors
s
LAN Alerting in PET format
s
Watchdog Timer
s
Host, LOM and Peripheral interfaces, via SMBus
s
Intelligent Platform Management Bus (PC87431C)
s
Digital Input Event pins and General-Purpose Output pins
s
Integrated Fan control and ADC (PC87431S/C)
s
Integrated flash, to reduce system cost
s
Two LEDs, with Bi-color LED control
s
Inhibit strap, to enable the system to work with the
daughter board of an advanced BMC
SMBus/IPMB
SMBAlert
PC87431x
mini-Baseboard Management
Controller
LAN On
Motherboard
(LOM)
VCC
10 MHz
SMI NMI
General-Purpose
Input Events
PC87417
ServerI/O
RJ-45
Peripheral SMBus
Host
TRIS
PWBTN
RSTOUT
LEDs
Sensor Devices
SMBAlert
LOM SMBus
PC87431x System Connection Diagram
Notes: IPMB interface is supported by PC87431C only.
=
Optional
Fans VIN
Integrated ADC and Fan are supported by PC87431S/C only.
National Semiconductor is a registered trademark of National Semiconductor Corporation.
All other brand or product names are trademarks of their respective holders.
Output and Digital


Similar Part No. - PC87431C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87435 NSC-PC87435 Datasheet
109Kb / 5P
PC87435 Enhanced IPMI Baseboard Management Controller
PC87435-VLB NSC-PC87435-VLB Datasheet
109Kb / 5P
PC87435 Enhanced IPMI Baseboard Management Controller
PC87435-VPC NSC-PC87435-VPC Datasheet
109Kb / 5P
PC87435 Enhanced IPMI Baseboard Management Controller
More results

Similar Description - PC87431C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87435 NSC-PC87435 Datasheet
109Kb / 5P
PC87435 Enhanced IPMI Baseboard Management Controller
logo
Vitesse Semiconductor C...
VSC210 VITESSE-VSC210 Datasheet
32Kb / 2P
IPMI Baseboard Management Controller Product Brief
logo
TRINAMIC Motion Control...
BB-103 TRINAMIC-BB-103 Datasheet
286Kb / 1P
Baseboard for TMCM-103
logo
List of Unclassifed Man...
SI3480 ETC2-SI3480 Datasheet
139Kb / 14P
POWER MANAGEMENT CONTROLLER
ET820 ETC2-ET820 Datasheet
796Kb / 1P
Mini ITX Nano ETX Express Baseboard
logo
Silicon Laboratories
SI3483 SILABS-SI3483 Datasheet
1Mb / 52P
POWER MANAGEMENT CONTROLLER
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
Battery Management Controller Companion
logo
Motorola, Inc
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
POWER MANAGEMENT CONTROLLER
logo
Silicon Laboratories
SI3480 SILABS-SI3480 Datasheet
144Kb / 14P
POWER MANAGEMENT CONTROLLER
SI3482 SILABS-SI3482 Datasheet
391Kb / 38P
POWER MANAGEMENT CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com