Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87431S Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87431S
Description  mini-Baseboard Management Controller (mBMC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87431S Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87431S Datasheet HTML 1Page - National Semiconductor (TI) PC87431S Datasheet HTML 2Page - National Semiconductor (TI) PC87431S Datasheet HTML 3Page - National Semiconductor (TI) PC87431S Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.national.com
2
Rev 1.4
Device-Specific Information
The following table shows the main features for the devices in the PC87431x family.
The package type is specified by two letters (L or T) that follow the part number:
q
LLP package - PC87431xxx/L
q
TSSOP package - PC87431xxx/T
Features
s
Three SMBus 2.0 compatible Interfaces
s
System Chassis Control
s
Digital Input Events and General-Purpose Outputs
IPMI and DMTF/ASF Support
s
Supports Intelligent Platform Management Interface
(IPMI) Specification v1.5 (revision 1.1), February 20,
2002
s
Supports LAN Alert sending as SNMP Trap in IPMI
Platform Event Trap Format v1.0, December 7, 1998
s
Secure Authentication, based on RFC 1321, The MD5
Message-Digest Algorithm, R. Rivest, MIT Laboratory for
Computer Science and RSA Data Security, Inc., April
1992
Host Interface
s
Fault Resilient Booting (FRB) support with autono-
mous system reset, power cycling and CPU or BIOS
switch.
s
Critical event alerting from system monitoring device
on peripheral SMBus interface
Peripheral Interface
s
LMxx-like Sensors devices for system health monitoring
s
Supports PC874xx LPC SuperI/O for Servers and
Workstations.
Integrated ADC Channels and Fan Control
(PC87431S/C)
s
10-bit successive approximation Analog to Digital con-
verter (up to 12 channels)
s
Fan Speed Control for three fans
s
Fan Speed Monitor for two fans
Internal E2PROM
s
Stores the following:
— Sensor access table
— Sensor configuration table
— Customizing table
— 512 bytes for FRU Inventory or OEM data
Clocking, Supply and Package Information
s
Strap Input Controlled Operating Modes:
— Inhibit mode
s
Clocks:
— Single 10 MHz crystal oscillator
s
Power Supply:
— Single supply operation: 4.7V - 5.5V
s
Package Options:
— 48-pin TSSOP
— 44-pin LLP
Function
PC87431M
PC87431S
PC87431C
Remote Chassis Control
✔✔✔
Remote Boot Options
✔✔✔
LAN Configuration and Alerting
✔✔✔
System Health Monitoring
✔✔✔
System Event Log (SEL)
✔✔✔
Field Replaceable Unit (FRU) Inventory
✔✔✔
Platform Event Filtering
✔✔✔
Watchdog and FRB
✔✔✔
External Sensors Interface
✔✔✔
Internal Sensors: ADC Channels and Fan
–
✔✔
Authentication
MD5
MD5
MD5
IPMB support on host interface
–
–
✔



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com