Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1815M Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC1815M
Description  Silicon NPN transistor in a SOT-23 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC1815M Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC1815M Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1815M Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1815M Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1815M Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1815M Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1815M Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC1815M
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current
IC
150
mA
Base Current
IB
50
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=60V
IE=0
0.1
μA
Emitter Base Cut-Off Current
IEBO
VEB=5.0V
IC=0
0.1
μA
DC Current Gain
hFE(1)
VCE=6.0V
IC=2.0mA
70
700
hFE(2)
VCE=6.0V
IC=150mA
25
100
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=100mA
IB=10mA
0.1
0.25
V
Base to Emitter Saturation Voltage VBE(sat)
IC=100mA
IB=10mA
1.0
V
Transition Frequency
fT
VCE=10V
IC=1.0mA
80
MHz
Collector Output Capacitance
Cob
VCB=10V
IE=0
f=1.0MHz
2.0
3.5
pF
Base Intrinsic Resistance
rbb
VCB=10V
IC=1.0mA
f=30MHz
50
Noise Figure
NF
VCE=6.0V
IC=0.1mA
Rg=10KΩ
f=1.0KHz
1.0
10
dB
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com