Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3220MODAX Datasheet(PDF) 83 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 83 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 79Page - Texas Instruments CC3220MODAX Datasheet HTML 80Page - Texas Instruments CC3220MODAX Datasheet HTML 81Page - Texas Instruments CC3220MODAX Datasheet HTML 82Page - Texas Instruments CC3220MODAX Datasheet HTML 83Page - Texas Instruments CC3220MODAX Datasheet HTML 84Page - Texas Instruments CC3220MODAX Datasheet HTML 85Page - Texas Instruments CC3220MODAX Datasheet HTML 86Page - Texas Instruments CC3220MODAX Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
83
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Environmental Requirements and Specifications
Copyright © 2017, Texas Instruments Incorporated
8.5
Soldering and Reflow Condition
•
Heating method: Conventional convection or IR convection
•
Temperature measurement: Thermocouple d = 0.1 mm to 0.2 mm CA (K) or CC (T) at soldering
portion or equivalent method
•
Solder paste composition: Sn/3.0 Ag/0.5 Cu
•
Allowable
reflow
soldering
times:
2
times
based
on
the
reflow
soldering
profile
(see Figure 8-1)
•
Temperature profile: Reflow soldering will be done according to the temperature profile (see
Figure 8-1)
•
Peak temperature: 245°C
Figure 8-1. Temperature Profile for Evaluation of Solder Heat Resistance of a Component
(at Solder Joint)
NOTE
TI does not recommend the use of conformal coating or similar material on the SimpleLink
module. This coating can lead to localized stress on the solder connections inside the
module and impact the module reliability. Use caution during the module assembly process
to the final PCB to avoid the presence of foreign material inside the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com