Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74STX1G04 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74STX1G04
Description  SO TINY GATE STX INVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX1G04 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74STX1G04 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX1G04 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX1G04 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX1G04 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PS8563A
01/31/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX1G04
SOTiny™ Gate STX
Inverter
.102
.118
BSC
0.60
12
3
.000
.005
0.00
0.15
.014
.019
0.35
0.50
54
1.50
1.75
.059
.068
0.10
.023
.004
1.45 MAX.
SEATING
PLANE
.057
0” - 10”
1.90
.075
.037
BSC
2.60
3.00
0.95
.110
.118
2.80
3.00
X.XX
X.XX
Datum "A"
DENOTES DIMENSIONS
IN MILIMETERS
5-Pin SOT23 (T) Package
GUAGE PLANE
SEATING PLANE
SEATING PLANE
DENOTES DIMENSIONS
IN MILLIMETERS
Notes:
1. Controlling dimensions in millimeters
2. Ref: JEDEC MO-203AA
BSC
VIEW A
BSC
REV
0˚-8˚
4˚-10˚
0.15
.321
0.42
.017
.010
.018
0.26
0.46
.006
3
4
5
2
1
.011
.026 0.65
BSC
.083
2.10
BSC
.049
1.25
BSC
.051
1.30
BSC
.079 2.00
0.15
0.30
MAX
.004
0.10
00
XXX
XXX
1.10
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
OrderingInformation
5-Pin SC70 Package (C)
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Pg
n
i
k
r
a
M
p
o
Te
g
n
a
R
g
n
it
a
r
e
p
O
X
T
4
0
G
1
X
T
S
4
7
I
P3
2
T
O
S
-
n
i
P
-
54
0
MC
º
5
8
o
t
C
º
0
4
–
X
C
4
0
G
1
X
T
S
4
7
I
P0
7
C
S
-
n
i
P
-
54
0
MC
º
5
8
o
t
C
º
0
4
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com