Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF83IAAVR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF83IAAVR
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF83IAAVR Datasheet(HTML) 53 Page - Texas Instruments

Back Button DAC38RF83IAAVR Datasheet HTML 49Page - Texas Instruments DAC38RF83IAAVR Datasheet HTML 50Page - Texas Instruments DAC38RF83IAAVR Datasheet HTML 51Page - Texas Instruments DAC38RF83IAAVR Datasheet HTML 52Page - Texas Instruments DAC38RF83IAAVR Datasheet HTML 53Page - Texas Instruments DAC38RF83IAAVR Datasheet HTML 54Page - Texas Instruments DAC38RF83IAAVR Datasheet HTML 55Page - Texas Instruments DAC38RF83IAAVR Datasheet HTML 56Page - Texas Instruments DAC38RF83IAAVR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 155 page
background image
53
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3.12 SerDes Test Modes through Serial Programming
The DAC38RFxx supports a number of basic pattern generation and verification of SerDes via the serial
interface. Three pseudo random bit stream (PRBS) sequences are available, along with an alternating 0/1
pattern and a 20-bit user-defined sequence. The 27 - 1, 231 - 1 or 223 – 1 sequences implemented can often be
found programmed into standard test equipment, such as a Bit Error Rate Tester (BERT). Pattern generation and
verification selection is via field TESTPATT in register SRDS_CFG1 (8.5.86), as shown in Table 23.
Table 23. SerDes Test Pattern Selection
TESTPATT
EFFECT
000
Test mode disabled.
001
Alternating 0/1 Pattern. An alternating 0/1 pattern with a period of 2 UI.
010
Verify 27 - 1 PRBS. Uses a 7-bit LFSR with feedback polynomial x7 + x6 + 1.
011
Verify 223 - 1 PRBS. Uses an ITU O.150 conformant 23-bit LFSR with feedback polynomial x23 + x18 + 1.
100
Verify 231 - 1 PRBS. Uses an ITU O.150 conformant 31-bit LFSR with feedback polynomial x31 + x28 + 1.
101
User-defined 20-bit pattern. Uses the USR PATT IEEE1500 Tuning instruction field to specify the pattern. The default
value is 0x66666.
11x
Reserved.
Pattern verification compares the output of the serial to parallel converter with an expected pattern. When there
is a mismatch, the TESTFAIL bit is driven high, which can be programmed to come out the ALARM terminal by
setting field DTEST in register DTEST (8.5.76) to “0011”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com